Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2748-42 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P2748-42
Description  MCT photoconductive detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P2748-42 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P2748-42 Datasheet HTML 1Page - Hamamatsu Corporation P2748-42 Datasheet HTML 2Page - Hamamatsu Corporation P2748-42 Datasheet HTML 3Page - Hamamatsu Corporation P2748-42 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INFRARED
DETECTOR
MCT photoconductive detector
Dewar type detector with high sensitivity and high-speed response in long wavelength range
P2748/P5274 series, P3257-50
Features
l Choice of spectral response range (up to 25 µm)
The band gap can be adjusted by controlling the composition
ratio of HgTe and CdTe. Utilizing this fact, various types are
available in different spectral characteristics.
l Photoconductive element that decreases its resistance
by input of infrared light
l Micro-cooled type available
This type of cooling does not require pour-filled liquid
nitrogen.
l Custom devices available
Custom devices not listed in this catalog are also available
with different spectral response, active area sizes and
number of elements.
Glass dewar type not requiring repumping is also provided.
Applications
l FTIR
l Infrared spectrophotometer
l Thermal imaging
l Remote sensing
l CO2 laser detection
Accessories (Optional)
l Valve operator
A3515
l Amplifiers for dewar type MCT photoconductive detector
C5185
l Infrared detector module with preamp
P7752-10
s General rating / Absolute maximum ratings
Absolute maximum ratings
Nitrogen
maintenance
time
Allowable
current
Operating
temperature
Storage
temperature
Active area
Type No.
Dimensional
outline/
Window
material *1
Package
Cooling
(mm)
Min.
(h)
(mA)
Topr
(°C)
Tstg
(°C)
P2748-40
➀/Z
Side-on type metal dewar
1 × 1
40
P2748-41
➁/Z
Head-on type metal dewar
1 × 1
40
P2748-42
0.25 × 0.25
20
P5274
➀/Z
1 × 1
40
P5274-01
➀/K
Side-on type metal dewar
LN2
1 × 1
12
20
-40 to +60
-55 to +60
P3257-50
➂/Z
Stirling type metal Micro-cooled
1 × 1
-
40
-40 to +55
-45 to +55
s Electrical and optical characteristics (Typ. unless otherwise noted)
M easurem ent
condition
Ele m e nt
te m p er atur e
T
Peak
sensitivity
wavelength
λp
Cut-off
wavelength
λc
Photo
sensitivity *
2
S
λ=λp
D∗
(500, 1200, 1)
D∗
(
λp, 1200, 1)
NEP
λ=λp
Rise
time
tr
0 to 63 %
Dark
resistance
Rd
Type No.
(°C)
(µm)
(µm)
(V/W)
Min.
(c m· Hz1/2/W)
Typ.
(c m· Hz1/2/W) (c m· Hz1/2/W)
(W/Hz
1/2)(µs)
(
Ω)
P2748-40
1000
2.5 × 10
-12
P2748-41
1000
2.5 × 10
-12
P2748-42
12
14
10000
1 × 10
10
2 × 10
10
4.0 × 10
10
6.3 × 10
-12
0.6
40
P5274
14
17
500
2 × 10
9
1 × 10
10
1.5 × 10
10
6.7 × 10
-12
0.6
30
P5274-01
17
22
250
1 × 10
9
5 × 10
9
1.0 × 10
10
1.0 × 10
-11
0.4
100
P3257-50
-196
12
14
1000
1 × 10
10
2 × 10
10
4.0 × 10
10
2.5 × 10
-12
0.6
40
*1: Window material K: KRS-5, Z: ZnSe
*2: Photo sensitivity changes with the bias current. The values in the above table are measured with the optimum bias current.
1


Similar Part No. - P2748-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2748-42 HAMAMATSU-P2748-42 Datasheet
172Kb / 4P
   MCT photoconductive detector
More results

Similar Description - P2748-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
P3257 HAMAMATSU-P3257_15 Datasheet
242Kb / 7P
   MCT photoconductive detectors
P2748 HAMAMATSU-P2748_15 Datasheet
226Kb / 4P
   MCT photoconductive detectors
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com