Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P791 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P791
Description  PbSe photoconductive detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P791 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P791_07 Datasheet HTML 1Page - Hamamatsu Corporation P791_07 Datasheet HTML 2Page - Hamamatsu Corporation P791_07 Datasheet HTML 3Page - Hamamatsu Corporation P791_07 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PbSe photoconductive detector
P791/P2038/P2680 series, P3207-05
ELEMENT TEMPERATURE (˚C)
(Typ.)
10
1
10
2
10
3
020
10
40
50
30
60
-20
-10
DARK RESISTANCE
RISE TIME
ELEMENT TEMPERATURE (˚C)
(Typ.)
10
1
10
2
-20
10
3
-10
0
102030405060
LIGHT SOURCE: BLACK BODY 500 K
SUPPLY VOLTAGE: 15 V
INCIDENT ENERGY: 16.7 µW/cm
2
CHOPPING FREQUENCY: 600 Hz
CHOPPING FREQUENCY (Hz)
(Typ. Ta=25 ˚C)
10
1
10
2
10
3
10
2
10
3
10
4
S/N
S
N
LIGHT SOURCE: BLACK BODY 500 K
INCIDENT ENERGY: 16.7 µW/cm
2
SUPPLY VOLTAGE: 15 V
SUPPLY VOLTAGE (V)
100
70
80
90
(Typ. Ta=25 ˚C)
0
0
100
200
300
600
500
400
0
6
3
12
15
9
18
10
20
30
40
50
60
LIGHT SOURCE: BLACK BODY 500 K
INCIDENT ENERGY: 16.7 µW/cm
2
CHOPPING FREQUENCY: 600 Hz
FREQUENCY BANDWIDTH: 60 Hz
Supply voltage is the
value which contains
load resistance
N
S
s Spectral response
s S/N vs. supply voltage
s S/N vs. chopping frequency
s Photo sensitivity temperature characteristic
s Dark resistance, rise time temperature characteristics
KIRDB0280EA
KIRDB0281EA
KIRDB0054EB
KIRDB0055EB
P791/P2038/P2680
series
P3207-05
Increasing the chopping frequency re-
duces the 1/f noise and results in an S/N
improvement. The S/N can also be im-
proved by narrowing the noise bandwidth
using a lock-in amplifier.
KIRDB0052EC
KIRDB0053EB
Cooling the device enhances its sensi-
tivity, but the sensitivity also depends
on the load resistance in the circuit.
WAVELENGTH (µm)
(Typ.)
1234567
0
20
40
60
80
100
-20 ˚C
-10 ˚C
25 ˚C
WAVELENGTH (
µm)
(Typ.)
1234567
0
20
40
60
80
100
2


Similar Part No. - P791_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P791-13 HAMAMATSU-P791-13 Datasheet
174Kb / 4P
   PbSe photoconductive detector
More results

Similar Description - P791_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3207-08 HAMAMATSU-P3207-08_15 Datasheet
239Kb / 7P
   PbSe photoconductive detectors
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
   PbS photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
P9217 HAMAMATSU-P9217 Datasheet
91Kb / 3P
   PbS photoconductive detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com