Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9534 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L9534
Description  Red LED for optical link Red LED for 125 Mbps optical link
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L9534 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L9534 Datasheet HTML 1Page - Hamamatsu Corporation L9534 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KLED1051E01
Jul. 2006 DN
Red LED for optical link
L9534
2
s Dimensional outline (unit: mm)
5.0
5.2 ± 0.3
(INCLUDING BURR)
0.5
1.27
(SPECIFIED AT THE LEAD ROOT)
1.27
1.27
0.4
(0.9)
10˚
10˚
5.0
(0.9)
CATHODE
CATHODE
ANODE
CATHODE
1.77
0.97
0.69
0.25
Tolerance unless otherwise
noted: ±0.1, ±
Shaded area indicates burr.
Values in parentheses indicate
reference value.
KLEDA0087EA


Similar Part No. - L9534

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
   High-Voltage Ringing SLIC for VolP Applications
logo
STMicroelectronics
L9524C STMICROELECTRONICS-L9524C Datasheet
412Kb / 27P
   Glow plug system control IC
L9524C-TR STMICROELECTRONICS-L9524C-TR Datasheet
412Kb / 27P
   Glow plug system control IC
More results

Similar Description - L9534

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
L10881 HAMAMATSU-L10881_15 Datasheet
184Kb / 3P
   Red LED for optical link
L8045 HAMAMATSU-L8045_15 Datasheet
99Kb / 2P
   Red LED for optical link
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
   Red LED for optical link Emitter for 156 Mbps POF communications
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
L11354-01 HAMAMATSU-L11354-01_15 Datasheet
683Kb / 12P
   Photo IC for optical link
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com