Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9437 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L9437
Description  Infrared LED LED emitting collimated light for optical encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L9437 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L9437 Datasheet HTML 1Page - Hamamatsu Corporation L9437 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L9437 is an infrared LED developed for optical encoders. By improving the aspherical lens used with the previous type L8506, we have achieved
an even more highly collimated beam of near infrared light. The lead pin of L9437 has no step piece that is usually formed at the lead base brazed
to the package, thus eliminating the restriction in printed circuit board design.
Features
l Collimated light beam
l Uniform light spot
l Narrow directivity: ±5˚
l High-speed response: 40 MHz Typ.
l High reliability
Applications
l Optical encoder
LED
Infrared LED
LED emitting collimated light for optical encoder
L9437
1
s Absolute maximum ratings (Ta=25
°C, unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
Reverse voltage
VR
5
V
Forward current
IF
80
mA
Forward current reduction rate
-
0.67
mA/°C
Pulse forward current
IFP
Pulse width=10 µs
Duty ratio=1 %
0.5
A
P uls e forw ard current reduction ra te
-
4.2
mA/°C
Power dissipation
P
150
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=30 mA
840
870
900
nm
Spectral half width
∆λ
IF=30 mA
-
45
-
nm
Optical output *1
Pe
IF=30 mA
1.25
1.6
-
mW
Forward voltage
VF
IF=30 mA
-
1.5
1.65
V
Reverse current
IR
VR=5 V
-
-
5
µA
Light spot size *2
Bw
IF=30 mA
4.0 *3
4.3
-
mm
Cut-off frequency *4
fc
IF=30 mA ± 4 mAp-p
25
40
-
MHz
*1: Measured with a photodiode (active area:
φ8 mm) installed 25 mm away from LED stem undersurface.
*2: Full width at half maximum of beam spot measured with an image sensor installed 13 mm away from LED stem undersurface.
*3: Reference value
*4: Frequency at which the optical output drops by -3 dB from that at 100 kHz.


Similar Part No. - L9437

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
L940-01V ROITHNER-L940-01V Datasheet
899Kb / 6P
   Infrared LED Lamp
L940-02V ROITHNER-L940-02V Datasheet
899Kb / 6P
   Infrared LED Lamp
L940-03V ROITHNER-L940-03V Datasheet
899Kb / 6P
   Infrared LED Lamp
L940-04V ROITHNER-L940-04V Datasheet
899Kb / 6P
   Infrared LED Lamp
L940-05V ROITHNER-L940-05V Datasheet
899Kb / 6P
   Infrared LED Lamp
More results

Similar Description - L9437

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA2902L PANASONIC-LNA2902L Datasheet
83Kb / 4P
   GaAs infrared light emitting diode For optical control systems
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
   INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
   INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN226 TOSHIBA-TLN226_07 Datasheet
208Kb / 5P
   INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN226 TOSHIBA-TLN226 Datasheet
259Kb / 5P
   INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN231 TOSHIBA-TLN231 Datasheet
132Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN231 TOSHIBA-TLN231_07 Datasheet
162Kb / 5P
   Infrared LED for Space-Optical-Transmission
logo
NTE Electronics
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com