Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L8013 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part No. L8013
Description  Infrared LED Easy optical axis alignment LED for PCF200 fiber data links
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8013 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  L8013_06 Datasheet HTML 1Page - Hamamatsu Corporation L8013_06 Datasheet HTML 2Page - Hamamatsu Corporation L8013_06 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Infrared LED
L8013
DUTY RATIO (%)
0.01
0.1
1
10
100
10
100
1000
10000
(Typ. Ta=25 ˚C)
PULSE WIDTH=1 µs
PULSE WIDTH=100 µs
PULSE WIDTH=10 µs
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KLED1033E02
Jun. 2006 DN
s Radiant output vs. ambient temperature
s Dimensional outline (unit: mm)
KLEDA0073EA
KLEDB0228EA
s Allowable forward current vs. duty ratio
5.4 ± 0.2
4.7 ± 0.15
WINDOW
4.0 ± 0.1
2.54 ± 0.2
COMMON TO CASE
0.45
LEAD
KLEDB0289EA
3
s Allowable forward current vs. ambient temperature
KLEDB0027EB
0
20
40
60
80
100
-3
-2
0
-1
+1
+2
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn