Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7684 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L7684
Description  60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7684 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L7684 Datasheet HTML 1Page - Hamamatsu Corporation L7684 Datasheet HTML 2Page - Hamamatsu Corporation L7684 Datasheet HTML 3Page - Hamamatsu Corporation L7684 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High Stability: Fluctuation (p-p) 3 % Max.
High Input Energy: 1 J (per one flash)
Long Life: 8
× 107 flashes Min.
Short Arc: 3 mm
Spectral Distribution: 190 nm to 2000 nm (Sapphire glass window type)
High Repetition Rate Meeting TV rate: 60 Hz
Short flash pulse-width (FWHM): 2.90
µs (at 2 µF, 1000 V)
Built-in Reflective Mirror/1.5 Times Brighter (L7684, L7685)
µF
60 W XENON FLASH LAMP SERIES
BUILT-IN REFLECTIVE MIRROR
L7684, L7685/L6604, L6605
Parameter
L7684
L6604
Window Material
Borosilicate Glass
Spectral Distribution
Reflective Mirror
Trigger Voltage
Maximum Average Input Energy (single)
a
Arc Length
Output Fluctuation (p-p)
g
Applicable Trigger Socket
Applicable Cooling Jacket
240 to 2000
Unit
nm
V
kV
J
W
mm
Hz
% Max.
flashes Min.
Recommended Operating Voltage
Operating Voltage
Trigger Capacitor Value
Maximum Average Input (continuous)
b
Maximum Repetition Rate
c
Guaranteed Life (number of flashes)
d
Applicable Power Supply
700 to 1000
V
300 to 1000
5 to 10
0.22
1
60
3
60
8
× 107
E6647
C6096
e
E6611
f
L7685
L6605
Single Crystal Sapphire Glass
190 to 2000
3
APPLICATIONS
CHARACTERISTICS
Stroboscope for FA High Speed Image Processing
Industrial Stroboscope
Pollution Analysis
Average input energy (E) is calculated by the below formula.
E = 1/2 CV2
E: Average input energy (J)
C: Main discharge capacitor value (F)
V: Main discharge voltage (V dc)
Average Input(W) is calculated by the below formula.
W = E
× f
f: Repetition frequency (repetition rate)
At 1 J/flash (60 W) input. Maximum 100 Hz operation is possible with keeping average input 60 W or lower.
At 1 J/flash input energy (60 W) with using the cooling jacket of E6611.
It is necessary to have an additional external capacitor E7289-02 for 60 W input, when 1 J/flash input energy is needed.
It has to be used for the operation more than 15 W input.
Measured with supply voltage of 1000 V, main discharge capacitir of 2
µF and repetition rate of 10 Hz.
NOTE:
Built-in
Built-in
a
b
c
d
e
f
g
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
TLSXF0105
TLSXF0103


Similar Part No. - L7684

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES
More results

Similar Description - L7684

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
   COMPACT 2W XENON FLASH LAMP MODULES
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
   Xenon Flash Controller & LED Torch Driver
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
PHOENIX CONTACT
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, green, Xenon flash tube
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, red, Xenon flash tube
2700103 PHOENIX-2700103 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, yellow, Xenon flash tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com