Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8J5 Datasheet(PDF) 1 Page - Rohm

Part # SP8J5
Description  4V Drive PchPch MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J5 Datasheet(HTML) 1 Page - Rohm

  SP8J5 Datasheet HTML 1Page - Rohm SP8J5 Datasheet HTML 2Page - Rohm SP8J5 Datasheet HTML 3Page - Rohm SP8J5 Datasheet HTML 4Page - Rohm SP8J5 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP8J5
Transistors
Rev.A
1/4
4V Drive Pch+Pch MOS FET
SP8J5
Structure
External dimensions (Unit : mm)
Silicon P-channel MOS FET
Each lead has same dimensions
SOP8
5.0
1.27
0.2
1.75
(1)
(4)
(8)
(5)
0.4
1pin mark
Features
1) Low On-resistance. (25m
Ω at 4.5V)
2) High Power Package. (PD=2.0W)
3) High speed switching.
4) Low voltage drive. (4V)
Applications
Power switching, DC-DC converter
Packaging specifications
Inner circuit
Package
Code
Taping
Basic ordering unit (pieces)
SP8J5
TB
2500
Type
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(8)
(7)
(1)
(2)
∗2
∗1
(6)
(5)
(3)
(4)
Absolute maximum ratings (Ta=25
°C)
<It is the same ratings for Tr1 and Tr2.>
∗1
∗2
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
−30
±20
±7.0
±28
−1.6
−28
2.0
150
−55 to +150
Limits
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
∗ Mounted on a ceramic board.
62.5


Similar Part No. - SP8J5

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J5FRA ROHM-SP8J5FRA Datasheet
428Kb / 7P
   4V Drive PchPch MOS FET
More results

Similar Description - SP8J5

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
   4V Drive PchPch MOS FET
SP8J5FRA ROHM-SP8J5FRA Datasheet
428Kb / 7P
   4V Drive PchPch MOS FET
RSR015P03 ROHM-RSR015P03 Datasheet
58Kb / 3P
   4V Drive Pch MOS FET
RSR025P03 ROHM-RSR025P03 Datasheet
66Kb / 3P
   4V Drive Pch MOS FET
RSQ025P03FRA ROHM-RSQ025P03FRA Datasheet
1Mb / 8P
   4V Drive Pch MOS FET
RSS060P05 ROHM-RSS060P05 Datasheet
129Kb / 5P
   4V Drive Pch MOS FET
RSF010P03 ROHM-RSF010P03 Datasheet
65Kb / 3P
   4V Drive Pch MOS FET
RSM002P03 ROHM-RSM002P03 Datasheet
65Kb / 3P
   4V Drive Pch MOS FET
RSL020P03 ROHM-RSL020P03 Datasheet
66Kb / 3P
   4V Drive Pch MOS FET
RSQ035P03FRA ROHM-RSQ035P03FRA Datasheet
1Mb / 8P
   4V Drive Pch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com