Electronic Components Datasheet Search |
|
L7685 Datasheet(PDF) 3 Page - Hamamatsu Corporation |
|
L7685 Datasheet(HTML) 3 Page - Hamamatsu Corporation |
3 / 4 page h i m k j NOTE: h i j k m RELATED PRODUCTS Trigger Socket E6647 Power Supply C6096 Dimensional Outline (Unit: mm) Specifications Dimensional Outline (Unit: mm) 14.8 ±0.1 28.5 ±1.0 5.5 73.5 ±2.0 500 ±20 RED : MAIN DISCHAGE VOLTAGE METAL BROWN : GND (TRIGGER) BLACK : GND (MAIN) WHITE : TRIGGER VOLTAGE Parameter Description/Value Output Voltage (dc) 300 V to 1000 V 60 W Max. ±1 % Max. 0.1 µF 180 V Typ. 0.22 µF Internal / External 10 Hz to 100 Hz 360 Ω Rectangular Waveform 5 V 24 V ± 1.2 V 90 W Not Required Approx. 550 g Input Voltage (dc) Power Consumption Cooling Weight Trigger Input Section Trigger Section Main Power Supply Output Capacity Stability Main Supply Capacitor Trigger Output Voltage Trigger Capacitor Trigger Type Repetition Rate Trigger Input Impedance Input Waveform Input Voltage 108 ±2 174 ±3 80.0 ±0.5 14 2-M3 100.0 ±0.5 2-M3 TLSXA0051EA TLSXA0050EB In order to operate a Xenon flash lamp, it is necessary to supply the prescribed high voltage between anode and cathode, and to trigger probes. To facilitate the above operation, the trigger socket consists of high voltage transformer and voltage divider resistors and capacitors chain to supply the appropriate pulse voltage to each electrode. As E6647 radiates heat from its metal parts during the operation due to the input energy, it is recommended to use a cooling fan to keep the surface temperature of the metal parts at less than 50 °C. C6096 has large capability to operate the lamp stable in spite of its compact dimensions. When 1 flash input energy becomes over 0.05 J, it is necessary to have an additional external capacitor E7289-02 (option). The range of 700 V to 1000 V is used for the operation of 60 W Xenon flash lamp series. In the case of connects temperature sensor lead lines from the cooling jacket, the output voltage becomes 0 V when the temperature sensor turns on. When 1 flash input energy becomes over 0.05 J, it is necessary to have an additional external capacitor E7289-02 (option). Don’t use beyond 60 Hz at the operation of 60 W input. A trigger pulse voltage is supplied to each electrode at the same time as an input trigger signal rise. * Changing the length of the trigger socket cable vavies the current flowing through the lamp so the lamp might fail to meet its required specifications. Use the cable length as shipped. |
Similar Part No. - L7685 |
|
Similar Description - L7685 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |