Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7684 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L7684
Description  60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7684 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L7684_06 Datasheet HTML 1Page - Hamamatsu Corporation L7684_06 Datasheet HTML 2Page - Hamamatsu Corporation L7684_06 Datasheet HTML 3Page - Hamamatsu Corporation L7684_06 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60 W XENON FLASH LAMP SERIES
Figure 1: Spectral Distribution
Figure 3: Life Characteristics
TLSXB0104EA
TLSXB0084EA
TLSXB0083EC
TLSXA0049EC
TLSXA0082EA
Figure 2: Flash Pulse Waveforms (L6604, L6605)
Figure 4: Dimensional Outline (Unit: mm)
34.8
±0.5
OUTPUT WINDOW
14.3
±0.15
3
28.9
±0.3
TRIGGER PROBE
TRIGGER PROBE
SPARKER
CATHODE
ANODE
PIN CONNECTION
(BOTTOM VIEW)
1
2
3
4
5
L6604, L6605
L7684, L7685
34.8
± 0.5
OUTPUT WINDOW
14.3
± 0.15
3
28.9
± 0.3
TRIGGER PROBE
TRIGGER PROBE
SPARKER
CATHODE
ANODE
PIN CONNECTION
(BOTTOM VIEW)
1
2
3
4
5
REFLECTIVE
MIRROR
(Built-in Reflective Mirror)
100
20
40
60
80
0
FWHM
2.90
µs
TIME (2
µs/div.)
1 J/flash
0.15 J/flash
FWHM
1.75
µs
MAIN DISCHARGE VOLTAGE: 1 kV
MAIN DISCHARGE CAPACITOR: 2
µF
REPETITION RATE: 60 Hz
INPUT ENERGY: 1 J / FLASH
The life end is defined as the time when the radiant intensity falls to
50 % of its initial value or when the output flutuation exceeds
±3 %.
100
80
60
40
20
0
NUMBER OF FLASHES
*( ) OPERATING TIME [h]
GUARANTEED LIFE
2
× 107
(100)
04
× 107
(200)
6
× 107
(300)
1
× 108
(500)
8
× 107
(400)
200
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
300
400
500
600
700
800
WAVELENGTH (nm)
60 W Xenon Flash Lamp Buit-in Reflective Mirror L7685
(1 J: 2
µF/1 kV)
60 W Xenon Flash Lamp L6605 (1 J: 2
µF/1 kV)


Similar Part No. - L7684_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES
More results

Similar Description - L7684_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
   COMPACT 2W XENON FLASH LAMP MODULES
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
   Xenon Flash Controller & LED Torch Driver
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
PHOENIX CONTACT
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, green, Xenon flash tube
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, red, Xenon flash tube
2700103 PHOENIX-2700103 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, yellow, Xenon flash tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com