Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7560 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L7560
Description  Infrared LED High-speed, high output power LED with mini-lens
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7560 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L7560_07 Datasheet HTML 1Page - Hamamatsu Corporation L7560_07 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Infrared LED
L7560
Cat. No. KLED1025E02
Jul. 2007 DN
750
800
850
900
950
0
40
20
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C)
0.5
0
100
80
60
40
20
1.0
1.5
2.0
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C)
020
0.0
1.0
0.8
0.6
0.4
0.2
40
60
80
100
DUTY RATIO=1 %
DUTY RATIO=100 %
0
0
1.0
2.0
3.0
(Typ. Ta=25 ˚C, IF=50 mA)
DISTANCE BETWEEN LENS AND FIBER END Z (mm)
4.0
20
40
60
80
100
Z
Y
X
0
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
(Typ. Ta=25 ˚C, IF=50 mA)
SHIFT FROM LENS CENTER X, Y (mm)
0.4
20
40
60
80
100
Z
Y
X
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
-40
-20
-5
+3
+2
+1
0
-1
-2
-3
-4
0
20406080
100
0.01
0.1
1
10
100
DUTY RATIO (%)
0.01
0.1
1
10
(Typ. Ta=25 ˚C)
PULSE WIDTH=1 µs
PULSE WIDTH=10 µs
PULSE WIDTH=100 µs
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
4.65 ± 0.1
5.4 ± 0.2
LENS
1.7 MAX.
2.54 ± 0.2
3.8 ± 0.15
COMMON TO CASE
0.45
LEAD
KLEDB0027EB
s Emission spectrum
s Radiant flux vs. forward current
s Fiber coupling characteristic (GI 50)
KLEDB0173EA
KLEDB0100EA
KLEDB0174EA
KLEDB0172EB
s Forward current vs. forward voltage
KLEDB0101EA
s Radiant output vs. ambient temperature
KLEDB0175EA
s Allowable forward current vs.
duty ratio
KLEDB0176EA
s Dimensional outline (unit: mm)
s Allowable forward current vs.
ambient temperature
KLEDA0029EB
X, Y
axes
Z
axis


Similar Part No. - L7560_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7560-04 HAMAMATSU-L7560-04_15 Datasheet
663Kb / 4P
   Infrared LED
More results

Similar Description - L7560_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7560 HAMAMATSU-L7560 Datasheet
109Kb / 2P
   High-speed, high output power LED with mini-lens
logo
Everlight Electronics C...
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8 Datasheet
258Kb / 10P
   Infrared LED With Inner Lens
logo
ams AG
SFH4059SR AMSCO-SFH4059SR Datasheet
764Kb / 17P
   Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10_06 Datasheet
181Kb / 2P
   Infrared LED High-power LED with miniature package
logo
Everlight Electronics C...
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
   High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
   infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
   infrared high power led
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com