Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6895-10 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L6895-10
Description  Infrared LED High-power LED with miniature package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6895-10 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L6895-10 Datasheet HTML 1Page - Hamamatsu Corporation L6895-10 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Pd plated leads
l Miniature package with lens
l Peak emission wavelength: 940 nm
l Operating temperature range: -25 to +85 ˚C
Storage temperature range
: -30 to +85 ˚C
Applications
l Rotary encoders, etc.
LED
Infrared LED
High-power LED with miniature package
L6895-10
L6895-10 is a high-power LED molded into a miniature, clear plastic package that emits infrared light at a peak emission wavelength of 940 nm.
An optical encoder resistant to tough environmental conditions can be configured by combining L6895-10 with S7610-10 (made by Hamamatsu).
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
60
mA
Reverse voltage
VR Max.
5
V
Pulse forward current
IFP
Pulse width: 100
µs
Duty ratio: 1 %
1.0
A
Power dissipation
P
90
mW
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-30 to +85
°C
Soldering
-
260 °C, 3 s
at least 2.5 mm away from package surface
-
s Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=20 mA
-
940
-
nm
Spectral half width
∆λ
IF=20 mA
-
45
-
nm
Forward voltage
VF
IF=20 mA
-
1.25
1.45
V
Reverse current
IR
VR=5 V
-
-
10
µA
Radiant flux
φe
IF=20 mA
1.2
-
-
mW
Terminal capacitance
Ct
VR=0 V, f=1 MHz
-
20
-
pF
1


Similar Part No. - L6895-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10 Datasheet
193Kb / 2P
   High-power LED with miniature package
L6895-10 HAMAMATSU-L6895-10_15 Datasheet
414Kb / 3P
   Infrared LED
More results

Similar Description - L6895-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10 Datasheet
193Kb / 2P
   High-power LED with miniature package
logo
Everlight Electronics C...
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8_15 Datasheet
209Kb / 10P
   Reverse Package Infrared LED
EAIST3216A4 EVERLIGHT-EAIST3216A4 Datasheet
392Kb / 9P
   Reverse Package Infrared LED
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8_15 Datasheet
1Mb / 9P
   1.6횞0.8mm Package Infrared LED
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
   High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
   infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
   infrared high power led
logo
Everlight Electronics C...
EAIST3535A3 EVERLIGHT-EAIST3535A3 Datasheet
560Kb / 8P
   High Power Infrared LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com