Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G8370-81 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. G8370-81
Description  InGaAs PIN photodiode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

G8370-81 Datasheet(HTML) 2 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
InGaAs PIN photodiode
G8370-81/-82/-83/-85
WAVELENGTH (µm)
(Typ. Ta=25
˚C)
1.0
1.2
1.4
1.6
1.8
0.8
0
1
-1
2
98
02
6
10
12
16
INCIDENT LIGHT LEVEL (mW)
96
92
90
94
100
102
(Typ. Ta=25 ˚C,
λ=1.3 µm, RL=2 Ω, VR=0 V)
48
14
G8370-81
G8370-82
G8370-83
G8370-85
s Spectral response
s Photo sensitivity temperature characteristic
s Photo sensitivity linearity
WAVELENGTH (µm)
2.0
0.8
1.0
1.2
1.4
1.6
1.8
0.6
(Typ. Ta=25 ˚C)
1.2
1.0
0.8
0.6
0.4
0.2
0
KIRDB0298EA
KIRDB0374EA
KIRDB0042EA
2
s Shunt resistance vs. ambient temperature
KIRDB0300EA
1 G
-40
-20
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
100 M
1 M
100 k
10 M
10 G
(Typ. VR=10 mV)
20
G8370-83
G8370-82
G8370-81
G8370-85
s Terminal capacitance vs. reverse voltage
KIRDB0299EA
1 nF
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
100 pF
1 pF
10 pF
10 nF
(Typ. Ta=25
˚C, f=1 MHz)
G8370-85
G8370-82
G8370-83
G8370-81


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn