Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G67150 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. G67150
Description  InGaAs PIN photodiode array
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

G67150 Datasheet(HTML) 2 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs PIN photodiode array
G7150/G7151-16
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
WAVELENGTH (µm)
2.0
0.5
0
(Typ. Ta=25 ˚C)
0.8
1.0
1.2
1.4
1.6
1.8
1
0.6
WAVELENGTH (µm)
(Typ. Ta=25
˚C)
1.0
1.2
1.4
1.6
1.8
0.8
0
1
-1
2
10 G
-40
-20
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
1 G
10 M
1 M
100 M
100 G
(Typ. VR=10 mV)
20
G7150-16
G7151-16
0.5 ± 0.1
0.6 ± 0.3
ACTIVE AREA
(16 ×) 0.08 × 0.2
22.9 ± 0.3
2.54 ± 0.15
0.46
0.8 ± 0.3
PIN No.
* CATHODE COMMON
DETECTOR
1
3
5
7
9
PIN No.
DETECTOR
*
11
13
15
16
PIN No.
DETECTOR
14
12
*
10
8
PIN No.
DETECTOR
6
4
2
WINDOW
PHOTOSENSITIVE
SURFACE
INDEX MARK
1
10
100
1000
10000
0.01
0.1
1
10
(Typ. Ta=25 ˚C)
G7150-16
G7151-16
REVERSE VOLTAGE (V)
REVERSE VOLTAGE
1
10
1000
100
0.01
0.1
1
10
(Typ. Ta=25 ˚C, f=1 MHz)
G7150-16
G7151-16
Cat. No. KIRD1043E06
Feb. 2007 DN
s Spectral response
KIRDB0002EB
s Photo sensitivity temperature
characteristic
KIRDB0042EA
s Dark current vs. reverse voltage
s Terminal capacitance vs.
reverse voltage
s Shunt resistance vs. ambient
temperature
KMIRB0013EA
s Dimensional outlines (unit: mm)
KIRDA0144EC
KIRDA0030EE
KIRDB0254EA
KIRDB0255EB
G7150-16
G7151-16
PIN No.
DETECTOR
1
3
5
7
9
PIN No.
DETECTOR
*
11
13
15
16
PIN No.
DETECTOR
14
12
*
10
8
PIN No.
DETECTOR
6
4
2
0.5 ± 0.1
0.6 ± 0.3
WINDOW
ACTIVE AREA
(16 ×) 0.45 × 1
22.9 ± 0.3
2.54 ± 0.15
0.46
1.0 ± 0.2
PHOTOSENSITIVE
SURFACE
INDEX MARK
* CATHODE COMMON
2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn