Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTR10 Datasheet(PDF) 2 Page - Rohm

Part # LTR10
Description  High Power Chip Resistors Terminal type>
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR10 Datasheet(HTML) 2 Page - Rohm

  LTR10 Datasheet HTML 1Page - Rohm LTR10 Datasheet HTML 2Page - Rohm LTR10 Datasheet HTML 3Page - Rohm LTR10 Datasheet HTML 4Page - Rohm LTR10 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LTR10
Resistors
2/4
±200
Table 1
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm/
°C)
J (
±5%)
10 to 1M (E24)
±100
±100
F (
±1%)
D (
±0.5%)
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level loads), be certain to evaluate the
component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that
is greater than its rated voltage.
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
J :
±5%
F :
±1%
D :
±0.5%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
−55 / +25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C, Immersion cleaning, 5±0.5min.
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Maximum overload voltage : 200V
Static electric
characteristics
± (5.0%+0.05Ω)
EIAJ ED-4701/300 Test method 304
Voltage : 3kV
C : 100pF
R : 1.5k
Apply cycle : 1 time


Similar Part No. - LTR10

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
157Kb / 4P
   High Power Low Ohmic Chip Resistors
LTR10 ROHM-LTR10 Datasheet
140Kb / 4P
   High Power Chip Resistors
LTR10 ROHM-LTR10 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR100 ROHM-LTR100 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR100 ROHM-LTR100 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
More results

Similar Description - LTR10

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR13U PANASONIC-ERJ-B1CJR13U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
KOA Speer Electronics, ...
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Rohm
LTR10 ROHM-LTR10_1 Datasheet
157Kb / 4P
   High Power Low Ohmic Chip Resistors
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com