Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMPR3927 Datasheet(PDF) 50 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
Download  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 50 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 54Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 512 page
background image
Chapter 3 Pins
3-4
Signal Name
I/O
Description
Interrupt signals
NMI*
I
Non Maskable Interrupt
Non-maskable interrupt signal.
The pin is equipped with an internal pull-up resistor.
INT [5:4]
I
Interrupt Request
External interrupt request signals. INT[5] and INT[4] are multiplexed with CTS0 and
RTS0, respectively.
The pins are equipped with internal pull-up resistors.
INT [3:0]
I
Interrupt Request
External interrupt request signals.
The pins are equipped with internal pull-up resistors.
Timer interface
TIMER [1:0]
O
Timer Pulse Width Output
Timer output signals used in pulse generator mode. The pins output “1” in other
modes. The pins are multiplexed with other functions.
DMAREQ[3]/PIO[15]/TIMER[1]
DMAACK[3]/PIO[11]/TIMER[0]
DMADONE*/PIO[7]/TIMER[0]
TCLK
I
External Timer Clock
Timer input clock signal. TMR0, TMR1, and TMR2 share this signal. The pin is
multiplexed with PIO[13] and DMAREQ[2].
Memory interface
SDCLK [4:0]
O
SDRAM Clock Out
Outputs one half the frequency of the TX39/H2 core (e.g., 66 MHz when the TX39/H2
is operating at 133 MHz), which is used as a clock for SDRAM and SMROM, as well
as for I/O devices that run in full speed bus mode.
Only SDCLK[0] is equipped with an internal pull-up resistor.
SDCLK[0] must be enabled when an SDRAM is used.
RAS*
O
Row Address Strobe
RAS* signal for SDRAM, SMROM, and SGRAM.
CAS*
O
Column Address Strobe
CAS* signal for SDRAM, SMROM, and SGRAM.
SDCS [7:0] *
O
Synchronous Memory Device Chip Select
Chip select signals for SDRAM, SMROM, SGRAM, and 100-pin DIMM flash memory.
The SDCS[7:2] pins are multiplexed with CE[7:2]. SDCS[7:6] are also multiplexed
with DMAREQ[1]/PIO[11] and DMAACK[1]/PIO[10]. The SDCS[7:6] pins are
equipped with internal pull-up resistors.
DQM [3:0] *
O
Data Mask
During a write cycle, the DQM signals function as a data mask and can control
individual bytes of the input data for SDRAM. During a read cycle, they control the
SDRAM output buffers. The DQM signals also function as byte enable signals for
DIMM flash memory during a write cycle.
WE*
O
Write Enable
WE* signal for SDRAM, SMROM, and SGRAM.
CKE
O
Clock Enable
CKE signal for SDRAM, SMROM, and SGRAM.
SWE*
O
SRAM Write Enable
Write enable signal for SRAM and I/O devices.


Similar Part No. - TMPR3927

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
More results

Similar Description - TMPR3927

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPR3911 TOSHIBA-TMPR3911 Datasheet
11Mb / 462P
   32-Bit TX System RISC TX39 Family
TMPR3916 TOSHIBA-TMPR3916 Datasheet
1Mb / 225P
   32-Bit TX System RISC TX39 Family TMPR3916
TMP1941AF TOSHIBA-TMP1941AF Datasheet
3Mb / 354P
   32-Bit TX System RISC
TX4939XBG-400 TOSHIBA-TX4939XBG-400 Datasheet
6Mb / 740P
   64-Bit TX System RISC TX49 Family
TMPR4938 TOSHIBA-TMPR4938 Datasheet
3Mb / 716P
   64-Bit TX System RISC TX49 Family
TMPR4955B TOSHIBA-TMPR4955B Datasheet
1Mb / 292P
   64-Bit TX System RISC TX49 Family
TMPR4956C TOSHIBA-TMPR4956C Datasheet
1Mb / 286P
   64-Bit TX System RISC TX49 Family
TMPR4955A TOSHIBA-TMPR4955A Datasheet
1Mb / 168P
   64-Bit TX System RISC TX49 Family
TMPR4925 TOSHIBA-TMPR4925 Datasheet
3Mb / 590P
   64-Bit TX System RISC TX49 Family
TMPR4937 TOSHIBA-TMPR4937 Datasheet
3Mb / 552P
   64-Bit TX System RISC TX49 Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com