Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10083CAH Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C10083CAH
Description  Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10083CAH Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C10083CAH Datasheet HTML 1Page - Hamamatsu Corporation C10083CAH Datasheet HTML 2Page - Hamamatsu Corporation C10083CAH Datasheet HTML 3Page - Hamamatsu Corporation C10083CAH Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mini-spectrometer TM series
C10082CA, C10082CAH, C10083CA, C10083CAH
2
KACCC0287EA
ENTRANCE SLIT
COLLIMATING LENS
IMAGE SENSOR
TRANSMISSION GRATING
FOCUSING MIRROR
s Optical component layout
TM series mini-spectrometers use a transmission holographic
grating made of quartz and precision optical components
arranged on a rugged optical base, making it possible to
deliver high throughput and highly accurate optical charac-
teristics.
USB CABLE
PC
AC ADAPTER
(Accessories)
MINI-SPECTROMETER
QUARTZ CELL
(For holding liquid sample)
FIBER
HIGH POWER UV-VIS FIBER LIGHT SOURCE
(Deuterium lamp and Halogen lamp)
L10290
s Connection example (transmission light measurement)
Light to be measured is guided into the entrance port of TG
series through an optical fiber and the spectrum measured
with the built-in image sensor is output through the USB port
to a PC for data acquisition. There are no moving parts inside
the unit so stable measurements are obtained at all times. An
optical fiber that guides light input from external sources al-
lows a flexible measurement setup.
s Spectral resolution vs. wavelength
WAVELENGTH (nm)
200
300
400
500
600
700
800
900
1000
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
C10083CA (Slit width 70 µm, Optical NA 0.22)
C10082CA (Slit width 70 µm, Optical NA 0.22)
C10083CAH (Slit width 10 µm, Optical NA 0.11)
C10082CAH (Slit width 10 µm, Optical NA 0.11)
KACCB0159EA
KACCC0317EA
Light spectrally separated by a grating is focused according to light wavelength on predetermined image sensor posi-
tions, and high-order light is also input onto positions at integer-multiples of wavelengths. In these mini-spectrometers an
optical filter is attached to the image sensor to cut off high-order light, but this also causes a drop in the image sensor
output at the following wavelengths.
C10082CA/10082CAH: Near 340 nm and 500 nm, C10083CA/C10083CAH: Near 500 nm and 700 nm
Types not using a high-order light cut-off filter are also available. Please specify by adding “-01” to the type number when
ordering. (Example: C10082CA-01)


Similar Part No. - C10083CAH

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10083MD HAMAMATSU-C10083MD Datasheet
293Kb / 4P
   Mini-spectrometer TM series Integrating optical system, image sensor and circuit
More results

Similar Description - C10083CAH

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com