Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10083CA Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C10083CA
Description  Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10083CA Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C10083CA Datasheet HTML 1Page - Hamamatsu Corporation C10083CA Datasheet HTML 2Page - Hamamatsu Corporation C10083CA Datasheet HTML 3Page - Hamamatsu Corporation C10083CA Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l Integrated with back-thinned type CCD image sensor:
Sensitivity is about two orders of magnitude higher than
CMOS type
l High resolution: 1 nm (C10082CAH, C10083CAH)
l High throughput due to transmission grating made of quartz
l Highly accurate optical characteristics
l Wide spectral response range
l Easy to install into equipment
l Wavelength conversion factor *1 is recorded in internal memory
Applications
l Low-light-level measurement such as fluorescence measurement
l Semiconductor process control
l Evaluation of light source characteristics such as LED
MODULE
High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CA, C10082CAH, C10083CA, C10083CAH
Mini-spectrometer TM series
TM series mini-spectrometers are polychromators integrated with optical elements, an image sensor and a driver circuit. Light to be measured is
guided into the entrance port of TM series through an optical fiber and the spectrum measured with the built-in image sensor is output from the
USB port to a PC for data acquisition. They are high sensitivity mini-spectrometers employing a back-thinned type CCD image sensor. Their
sensitivity is about two orders of magnitudes higher than CMOS type making TM series even more ideal for low-light-level measurement.
C10082CAH and C10083CAH are high resolution type (spectral resolution: 1 nm Typ.).
Mini-spectrometer TM series comes supplied with free sample software that allows setting measurement conditions, acquiring and saving data,
and displaying graphs. Driver software and DLL are also supplied as accessory items to allow the users to configure their own measurement
software.
1
s O p tic a l ch a ra c te ris tics
T M -U V /VIS-C C D
T M -V IS /N IR -C C D
Para m e te r
C100 82C A C 10082 CA H C100 83C A C 10083 CA H
Un it
S p e c tral response ra n g e
2 00 to 8 0 0
3 20 to 1 0 0 0
n m
S p e c tra l re s o lu tio n M a x.
(S p e ct ral re sp o n se h alf wi dt h) *2
6
1 *
3
8 *
4
1 *
3, *4
nm
W a v e len gth re produ c ibility *
5
±0 .2
n m
W a v e len gth te m p erature
d ep ende n c e
0.0 4
nm/° C
Spec tra l s tray ligh t *
2, *6
-3 3
-3 0
d B
s E le c trica l c h a rac te ris tics
Para m e te r
Spec ific a tio n
Un it
A/D c on v ers ion
16
bit
In te g ra tio n tim e
10 to 100 00
ms
In te rfa c e
U S B 1 .1
-
US B b u s p o w e r
c urren t c o ns um p tio n
10 0
mA
E x tern al pow er su pply
5
V
s G e ne ral rating s / A b s o lu te ma xim u m ra tin g s
Para m e te r
Spec ific a tio n
Un it
D im e n s io ns
95 (W ) × 92 (D ) × 76 (H )
m m
Im ag e s en s or
B a c k -th in n e d ty p e CCD im a g e s e n s o r
(S 1 04 20-11 06 )
-
N u m be r of p ixels
20 48
pix e ls
S lit (H ) × (V ) *7
70 × 8 00
10 × 1000 70 × 8 00
10 × 1000
µm
O ptic a l N A
0.2 2
0.11
0.2 2
0.11
-
C o nne c tor for o p tic al fibe r
SMA9 0 5 D
-
O pe ratin g te m p era tu re *8
+ 5 to + 4 0
°C
Sto rag e tem p era ture
-2 0 to + 7 0
°C
*1: A c o nv e rs ion fa c tor fo r c on v ertin g th e im a ge s en s or p ixel nu m be r in to a
w a v ele ng th is recorded in th e m odu le. A calc u latio n facto r fo r c o nv e rting the
A /D co nv e rte d c o un t in to the inp ut ligh t in tensity is n o t p rov id ed .
*2 : D e p ends o n th e slit op ening. Va lu e s w e re m easu red w ith th e s lit listed in th e
ta ble “s G e n e ra l ra tin g s / A b s o lu te m a xim u m ra tin g s ”.
*3 : Ty p ic a l
*4 :
λ=320 to 900 nm
*5 : M e asu red und er cons ta n t lig h t in p ut co n d itions
*6: W h en m on oc hrom atic lig ht o f th e following wav e leng th s is inpu t, s p ec tral s tray light is d efin ed as the ratio of the c ou nt m e asure d at the inp ut
wa vele ngth, to the c ou nt m eas ure d in a re gio n of the inp ut waveleng th ±4 0 nm .
C 10 0 82 C A /C 100 8 2 C A H : 50 0 n m , C 1 008 3C A /C 100 83 C A H : 65 0 nm
*7 : E ntra n ce slit apertu re size
*8 : N o c o n d e n s a tio n
s Output comparison (relative value)
* A/D count when constant light level enters fiber.
C10082CA
C10082CAH
C10082MD
C10083CA
C10083CAH
C10083MD
WAVELENGTH (nm)
200
300
400
500
600
700
800
900
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1000
(Typ. Ta=25 ˚C)
KACCB0168EA
s Measurable optical power
KACCB0146EA
10
-15
10
-13
10
-11
10
-9
10
-7
LIGHT POWER * (W)
C10082CA (CCD TYPE)
C10082CA (CCD TYPE)
* Light power incident on mini-spectrometer through slit
(
λ=500 nm, integration time: 10 ms to 10000 ms)
C10082MD (CMOS TYPE)
Comparison of CCD type and CMOS type


Similar Part No. - C10083CA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10083MD HAMAMATSU-C10083MD Datasheet
293Kb / 4P
   Mini-spectrometer TM series Integrating optical system, image sensor and circuit
More results

Similar Description - C10083CA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com