Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10013SK Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C10013SK
Description  Flat panel sensor High reliability, high sensitivity
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10013SK Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C10013SK Datasheet HTML 1Page - Hamamatsu Corporation C10013SK Datasheet HTML 2Page - Hamamatsu Corporation C10013SK Datasheet HTML 3Page - Hamamatsu Corporation C10013SK Datasheet HTML 4Page - Hamamatsu Corporation C10013SK Datasheet HTML 5Page - Hamamatsu Corporation C10013SK Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Flat panel sensor
C10013SK
4
s System requirements
To operate C10013SK at full performance, the following system and peripherals are required.
· PC: IBM compatible PC running on Windows XP
· Digital frame grabber card: Monochrome 16 bits or more, pixel clock 13 MHz or more, LVDS interface synchronous signal (See
the frame grabber manual.)
The National Instruments IMAQ PCI-1424 (NI parts No. 777662-02) frame grabber has been verified to successfully acquire 12-
bit digital images from C10013SK. The IMAQ PCI-1422 (NI pats No. 777959-02) also acquires satisfactory images from C10013SK.
You can utilize the demonstration software that comes with the frame grabber as a simple viewer, to acquire and save an image.
To do so, refer to the frame grabber user’s guide for how to use the camera information file for the demonstration software.
· Power source: A.vdd = +5.0 ± 0.1 V (700 mA), D.vdd = +5.0 ± 0.1 V (600 mA).
Please use of a series power supply. (Avoid using a switching power supply.) A power cable (terminated with an
FGG.2B.307.CLAD92Z plug at one end and open at the other end; 2 m; see Table 2.), an external trigger cable (terminated with
an FFA.0S.302.CLAC37 plug at one end and open at the other end; 5 m; see table 3.) and an earth cable (AWG 18; 4 m) comes
supplied with C10013SK. An optional frame grabber cable for interface with the 40-pin receptacle (see Table 1) on C10013SK
is also available for synchronous signal, video output and external control.
The voltages described above are specified at the flat panel sensor side. The impedance of the power cable attached with the
flat panel sensor is low enough but it causes 0.1 V approx. drop. Therefore the voltage at the power source side should be set
0.1 V higher than the voltage specified above.
Install a noise filter on the AC power input line to prevent surges on the AC line.
To supply the synchronous signal through ExtTrgGrb, apply high level of TTL to ExtTrgLemo and IntExt, or leave them without
connection. On the contrary, to use ExtTrgLemo, set high level to ExtTrgGrb and IntExt, or leave them without connection. The
earth terminal must be connected to a stable earth point to eliminate noise from surroundings.
Table 1: P in assig nm ent of 40 -pin receptac le
Pin N o .
S ignal
Pin N o .
S ignal
1
D ata1+ (LS B )
21
D ata1- (LS B )
2
D ata2+
22
D ata2-
3
D ata3+
23
D ata3-
4
D ata4+
24
D ata4-
5
D ata5+
25
D ata5-
6
D ata6+
26
D ata6-
7
D ata7+
27
D ata7-
8
D ata8+
28
D ata8-
9
D ata9+
29
D ata9-
10
D ata10+
30
D ata10-
11
D ata11+
31
D ata11-
12
D a ta12+ (M S B )
32
D ata12- (M S B )
13
R es erved
33
R es erved
14
Re s e rve d
34
Re s e rve d
15
R es erved
35
G N D
16
Re s e rve d
36
GN D
17
E xtTrgG rb (T T L)
37
IntE xt (T T L)
18
Vs yn c +
38
Vs yn c -
19
H s ync +
39
H s ync -
20
Pc lk +
40
Pc lk -
U nless otherw is e n oted , signa l le ve l is LV D S .
40-pin recepta c le: 10 240-52B 2P L m a de by 3M C o. Ltd.
M ating plug: 101 40-6 000E L m a d e by 3M C o. Ltd.
Table 2: P o w er pin assig nm ent and ca ble color
Pin N o .
Co lo r
S ignal
1
B ro w n
R e s e rve d
2
Re d
Re s e rve d
3
O range
R es erved
4
Ye llo w
A nalog G N D
5
G reen
A nalog +5 V
6
Blu e
Dig ita l G ND
7
P urple
D ig ita l +5 V
S h ie ld
-
A nalog G N D
7-pin pow er rec e pta c le: E C G .2B .307 .C LV m ad e by LE M O S . A .
M ating pow er plug: F G G .2B .307 .C LA D 92Z m ad e by LE M O S . A .
Table 3: E x terna l trigger pin assig nm ent and ca ble color
Pin N o .
Co lo r
S ignal
1
R ed
E xtTrgLem o (T T L)
2
Bla ck
S ignal G N D
S hield
-
A nalog G N D
2-pin rec e pta c le: E C P.0S .30 2.C L L m ad e by LE M O S . A .
M ating plug: F FA .0S.302 .C LA C 3 7 m ad e by LE M O S . A .


Similar Part No. - C10013SK

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C10017 PANDUIT-C10017 Datasheet
50Kb / 2P
   PSL-CBIL CIRCUIT BREAK LOCKOUT
logo
Silicon Laboratories
C1001AT SILABS-C1001AT Datasheet
76Kb / 1P
   Silicon Labs is adding an Automotive Qualified option for the Si4012
More results

Similar Description - C10013SK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C9311DK HAMAMATSU-C9311DK Datasheet
142Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
logo
DB Lectro Inc
NE720 DBLECTRO-NE720_05 Datasheet
309Kb / 2P
   High sensitivity & reliability.
logo
Hamamatsu Corporation
C9312SK-06 HAMAMATSU-C9312SK-06 Datasheet
106Kb / 6P
   Flat panel sensor High-speed, High reliability, 110 kV (X-ray tube voltage) proof
C7942CA-22 HAMAMATSU-C7942CA-22 Datasheet
226Kb / 8P
   Flat panel sensor
C7942CA HAMAMATSU-C7942CA Datasheet
204Kb / 8P
   Flat panel sensor
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
   Flat panel sensor
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
C7921CA HAMAMATSU-C7921CA Datasheet
192Kb / 7P
   Flat panel sensor
C9730DK-10 HAMAMATSU-C9730DK-10_15 Datasheet
217Kb / 9P
   Flat panel sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com