Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS601AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPS601AF
Description  Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS601AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPS601AF_07 Datasheet HTML 1Page - Toshiba Semiconductor TPS601AF_07 Datasheet HTML 2Page - Toshiba Semiconductor TPS601AF_07 Datasheet HTML 3Page - Toshiba Semiconductor TPS601AF_07 Datasheet HTML 4Page - Toshiba Semiconductor TPS601AF_07 Datasheet HTML 5Page - Toshiba Semiconductor TPS601AF_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPS601A(F)
2007-10-01
1
TOSHIBA Phototransistor Silicon NPN Epitaxial Planar
TPS601A(F)
Lead(Pb)-Free
Photoelectric Counter
Position Detection
Various Kinds Of Readers
• TO−18 metal CAN package
• High sensitivity.
• Sharp directivity. Incident light can be effectively used.
: θ1/2 = ± 10° (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector
−emitter voltage
VCEO
40
V
Emitter
−collector voltage
VECO
5
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Collector power dissipation
derating (Ta > 25°C)
ΔPC /°C
−1.2
mW / °C
Operating temperature range
Topr
−40~125
°C
Storage temperature range
Tstg
−55~150
°C
Pin Connection
1 . Emitter
2 . Collector
1
2
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit in mm
TOSHIBA
0−5A1
Weight: 0.39 g (typ.)


Similar Part No. - TPS601AF_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS601AF TOSHIBA-TPS601AF Datasheet
189Kb / 6P
   PHOTOELECTRIC COUNTER POSITION DETECTION VARIOUS KINDS OF READERS
More results

Similar Description - TPS601AF_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS601A TOSHIBA-TPS601A Datasheet
189Kb / 6P
   PHOTOELECTRIC COUNTER POSITION DETECTION VARIOUS KINDS OF READERS
TPS703 TOSHIBA-TPS703_07 Datasheet
204Kb / 5P
   Lead(Pb)-Free Various Kinds Of Remote Control Systems Optical Communication
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com