Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3A5795-17305ATCG Datasheet(PDF) 1 Page - DB Lectro Inc

Part # D3A5795-17305ATCG
Description  QUARTZ CRYSTAL UNIT Holder code D & E, TUNING FORK WATCH CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

D3A5795-17305ATCG Datasheet(HTML) 1 Page - DB Lectro Inc

  D3A5795-17305ATCG Datasheet HTML 1Page - DB Lectro Inc D3A5795-17305ATCG Datasheet HTML 2Page - DB Lectro Inc D3A5795-17305ATCG Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUARTZ CRYSTAL UNIT
Holder code D & E
, TUNING FORK WATCH CRYSTAL
FEATURE
 Wide Frequency range
 High shock tolerance
Small size
Reliable frequency stability
Lead Free & RoHS Compliant
APPLICATIONS
 Microprocessor Systems
 Consumer Electronics
 Instrumentation
 Automotive electronics
ELECTRICAL SPECIFICATIONS
Frequency
30.000KHz ~ 350.00KHz
Frequency Tolerance (at 25°C)
±20ppm ~ ±100ppm
32KHz-40KHz: 40Kohm Max
40KHz-60KHz: 30Kohm Max
60KHz-70KHz: 25Kohm Max
70KHz-200KHz: 22Kohm Max
200KHz-350KHz: 20Kohm Max
Turnover Temperature
25 ± 5°C
Frequency Temperature Curve
-0.034(±0.006)ppm/°C2
Storage Temperature Range
-55 °C to +125 °C
Operable Temperature Range
-10 °C to + 60 °C, -20 °C to + 70 °C
Shunt Capacitance (C0)
2.0pF Typ
Dynamic Capacitance (C1)
4.0pF Typ
Driver Level (Typical)
1 µW Max
Load Capacitance(CL)
6.0pF ~ 12.5pF, or specify
Aging @25°C 1
st year (Max)
±3ppm/year
REMARK: SPECIFICATIONS SUBJECT TO CHANGE WITHOUT PRIOR NOTICE. PLEASE CONFIRM
WITH OUR SALES ENGINEER.
DB Lectro Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Description - D3A5795-17305ATCG

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
   Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
   Tuning Fork Quartz Crystal
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
   Tuning Fork Quartz Crystal
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
   Tuning Fork Quartz Crystal
logo
CITIZEN ELECTRONICS CO....
CMJ206T32.768KDZF-UT CITIZEN-CMJ206T32.768KDZF-UT Datasheet
74Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
List of Unclassifed Man...
CM519 ETC2-CM519 Datasheet
695Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CM2012H CITIZEN-CM2012H Datasheet
463Kb / 2P
   TUNING FORK CRYSTAL UNIT
logo
Raltron Electronics Cor...
R26-32.768-12.5 RALTRON-R26-32.768-12.5 Datasheet
88Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CM315E CITIZEN-CM315E Datasheet
629Kb / 1P
   TUNING FORK CRYSTAL UNIT
CM130 CITIZEN-CM130 Datasheet
684Kb / 1P
   TUNING FORK CRYSTAL UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com