Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4111K Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD4111K
Description  Power Device High Voltage Monolithic Silicon Power IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4111K Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD4111K Datasheet HTML 1Page - Toshiba Semiconductor TPD4111K Datasheet HTML 2Page - Toshiba Semiconductor TPD4111K Datasheet HTML 3Page - Toshiba Semiconductor TPD4111K Datasheet HTML 4Page - Toshiba Semiconductor TPD4111K Datasheet HTML 5Page - Toshiba Semiconductor TPD4111K Datasheet HTML 6Page - Toshiba Semiconductor TPD4111K Datasheet HTML 7Page - Toshiba Semiconductor TPD4111K Datasheet HTML 8Page - Toshiba Semiconductor TPD4111K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPD4111K
2006-06-30
4
Pin Description
Pin No.
Symbol
Pin Description
1
VS
Speed control signal input pin. (PWM reference voltage input pin)
2
OS
PWM triangular wave oscillation frequency setup pin (Connect a capacitor to this pin.)
3
RREF
PWM triangular wave oscillation frequency setup pin (Connect a resistor to this pin.)
4
GND
Ground pin
5
VREG
6 V regulator output pin
6
VCC
Control power supply pin
7
IS1
IGBT emitter/FRD anode pin
8
U
U-phase output pin
9
BUS
U-phase bootstrap capacitor connecting pin
10
VBB1
U and V-phase high-voltage power supply input pin
11
BSV
V-phase bootstrap capacitor connecting pin
12
V
V-phase output pin
13
W
W-phase high-voltage power supply input pin
14
BSW
W-phase bootstrap capacitor connecting pin
15
VBB2
W-phase high-voltage power supply input pin
16
IS2
IGBT emitter/FRD anode pin
17
FG
Rotation pulse output pin. (open drain)
18
HU+
U-phase Hall sensor signal input pin (Hall IC can be used.)
19
HU-
U-phase Hall sensor signal input pin (Hall IC can be used.)
20
HV+
V-phase Hall sensor signal input pin (Hall IC can be used.)
21
HV-
V-phase Hall sensor signal input pin (Hall IC can be used.)
22
HW+
W-phase Hall sensor signal input pin (Hall IC can be used.)
23
HW-
W-phase Hall sensor signal input pin (Hall IC can be used.)


Similar Part No. - TPD4111K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4111K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com