Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9118 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C9118
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9118 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C9118_05 Datasheet HTML 1Page - Hamamatsu Corporation C9118_05 Datasheet HTML 2Page - Hamamatsu Corporation C9118_05 Datasheet HTML 3Page - Hamamatsu Corporation C9118_05 Datasheet HTML 4Page - Hamamatsu Corporation C9118_05 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Driver circuit for photodiode array with amplifier
C9118 series
3
s Connection examples
Single or parallel readout example (C9118)
Cascade readout example (C9118-01)
Simultaneous integration/output
(effective for high-speed processing)
Simultaneous integration/serial output
(Simplifies external processing circuit)
S8865-64
S8865-128
C9118
CN2
EXTERNAL
CONTROLLER
SCAN
DIRECTION
S8865-64
S8865-128
C9118
CN2
EXTERNAL
CONTROLLER
SCAN
DIRECTION
S8865-64
S8865-128
C9118
CN2
EXTERNAL
CONTROLLER
SCAN
DIRECTION
KACCC0189EB
S8865-64
S8865-128
C9118-01
CN2
EXTERNAL
CONTROLLER
ACCESSORY
CABLE
S8865-64
S8865-128
C9118-01
CN2
S8865-64
S8865-128
C9118-01
CN2
CN3
CN3
CN3
SCAN
DIRECTION
KACCC0190EB
s Dimensional outline (unit: mm)
SCAN
DIRECTION
CN3 is installed only for C9118-01.
Component mounting height: 3.6 mm
CN2
CN1
1
12
CN3
32
38
56
2
88
32
4 × (2 ×) R1.2
25
KACCA0124EA
s Accessory
· Connectorized cable
This cable is for hooking up an external unit (power supply, pulse
generator, etc.) to the CN2 connector of C9118 driver circuit.
Pin No. and cable color coding are shown in the table at the right.
Connector: DF-13-10S-1.25C (Hirose Electric)
Terminal: DF13-2630SCFA (gold plating)
Cable: Conforms to UL1007 AWG28.
100 mm
Pin connection (CN2)
Pin No.
Color
Pin No.
Color
Brown
Blue
Red
Purple
Orange
Gray
Yellow
White
Green
Black
KACCC0198EA


Similar Part No. - C9118_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C9118-00 ETC1-C9118-00 Datasheet
134Kb / 1P
   Standard Dual Beam Wire Wrap Edge-Grip Sockets
logo
Hamamatsu Corporation
C9118-01 HAMAMATSU-C9118-01 Datasheet
155Kb / 5P
   Driver circuit for photodiode array with amplifier
More results

Similar Description - C9118_05

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9118 HAMAMATSU-C9118 Datasheet
155Kb / 5P
   Driver circuit for photodiode array with amplifier
C9004 HAMAMATSU-C9004 Datasheet
156Kb / 2P
   Driver circuit for Si photodiode array
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
   Photodiode array combined with signal processing circuit chip
S8865-256 HAMAMATSU-S8865-256 Datasheet
92Kb / 6P
   Photodiode array combined with signal processing circuit chip
logo
Panasonic Semiconductor
PNA4U23F PANASONIC-PNA4U23F Datasheet
441Kb / 4P
   Photodiode with amplifier functions
PNA4U15F PANASONIC-PNA4U15F Datasheet
437Kb / 4P
   Photodiode with amplifier functions
PNA4U17F PANASONIC-PNA4U17F Datasheet
452Kb / 4P
   Photodiode with amplifier functions
PNA4U31F PANASONIC-PNA4U31F Datasheet
455Kb / 4P
   Photodiode with amplifier functions
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
   Avalanche Photodiode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com