Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2004F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD2004F
Description  2-channel Squib Driver for Air Bags
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2004F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD2004F Datasheet HTML 1Page - Toshiba Semiconductor TPD2004F Datasheet HTML 2Page - Toshiba Semiconductor TPD2004F Datasheet HTML 3Page - Toshiba Semiconductor TPD2004F Datasheet HTML 4Page - Toshiba Semiconductor TPD2004F Datasheet HTML 5Page - Toshiba Semiconductor TPD2004F Datasheet HTML 6Page - Toshiba Semiconductor TPD2004F Datasheet HTML 7Page - Toshiba Semiconductor TPD2004F Datasheet HTML 8Page - Toshiba Semiconductor TPD2004F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPD2004F
2006-10-31
5
Functional Description
(1)
2-channel squib drive function
Using independent four-channel inputs, this IC controls two high-side and two low-side switches,
making it possible to drive two squibs directly.
(2)
Squib line short-to-battery, short-to-ground and open-circuit diagnostic function (diagnostic voltage
output)
When the squib is in normal state, by an external diagnostic resistor, the device outputs a voltage
derived from VCC by dividing it according to the resistance ratio. Because this voltage is output via
the analog multiplexer, it is possible to diagnose short-to-battery, short-to-ground and open-circuit in
the squib line using a microcomputer. Also, the device contains a shunt circuit to prevent the analog
multiplexer from breaking down when the squib is short-to-battery.
(3)
Squib short diagnostic function (diagnostic voltage output)
A diagnostic current is flowed from the internal constant-current source to the squib and reference
resistor, and the voltage drop in each is amplified by an internal amp whose gain is the same for both.
These voltages are output via the analog multiplexer, so that the squib resistance value can be
diagnosed by a microcomputer. Also, the relative accuracy of the output voltages is guaranteed to be
within ±10%.
(4)
Squib driver MOSFET diagnostic function (diagnostic voltage output)
When the squib driver is turned on while the safing sensor is in normal state, the drain voltage of the
MOSFET is output via the analog multiplexer, making it possible to diagnose the state of the
MOSFET using a microcomputer.
(5)
Diagnostic chip select function
Since the device has a chip select function, the diagnostic control bits can be minimized when the
application circuit is configured with multiple chips. Furthermore, when a chip is not selected, the
diagnostic output pin AO is placed in the high-impedance state; therefore it is possible to diagnose
multiple chips using a 1-channel CPU A/D port. (Ignition operates irrespective of CS.)
(6)
Input INHIBIT function
The purpose of this function is to prevent erroneous ignition due to a fault in the microcomputer or
the system power supply. It allows for ignition to be inhibited by pulling the ENB pin low.


Similar Part No. - TPD2004F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F Datasheet
379Kb / 10P
   SILICON MONOLITHIC POWER MOS IC
More results

Similar Description - TPD2004F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
STMicroelectronics
L9660 STMICROELECTRONICS-L9660 Datasheet
625Kb / 49P
   Quad squib driver ASIC for safety application
September 2013 Rev 2
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
   Octal squib driver ASIC for safety application
September 2013 Rev 2
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
DRV3901-Q1 TI-DRV3901-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   DRV3901-Q1 Single Channel Squib Driver For Automotive EV Pyro-Fuse
OCTOBER 2023
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
   Squib connectors
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com