Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9016-2X Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # C9016-2X
Description  HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9016-2X Datasheet(HTML) 8 Page - Hamamatsu Corporation

  C9016-2X Datasheet HTML 1Page - Hamamatsu Corporation C9016-2X Datasheet HTML 2Page - Hamamatsu Corporation C9016-2X Datasheet HTML 3Page - Hamamatsu Corporation C9016-2X Datasheet HTML 4Page - Hamamatsu Corporation C9016-2X Datasheet HTML 5Page - Hamamatsu Corporation C9016-2X Datasheet HTML 6Page - Hamamatsu Corporation C9016-2X Datasheet HTML 7Page - Hamamatsu Corporation C9016-2X Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAPP1052E02
JUL. 2005 IP
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
TAPPC0121EA
GC9546, C9547 Series
IEEE1394
EIA-644 (VDS)
Camera Link
Operation
Gain Control
Connection
D C/Gate
D C/Gate
Remote
Controller
PC
1 2 3
1 2 4 5
2: 1 RELAY LENS
A2098
DIGITAL CCD CAMERA
CCD CAMERA WITH
FIBER OPTIC WINDOW
C9018, -01
AC ADAPTER
CAMERA CABLE
A5963 SERIES
POWER SUPPLY
PC5
(USB)
AC100 V to 240 V
3: 2 RELAY LENS
A5309
CCD CAMERA
(1/2 INCHES)
RELAY LENS
ADAPTER
A9017
A9549
VIDEO OUTPUT
(EIA, CCIR)
HEAD
C9546, C9547 SERIES
AC CABLE2
AC ADAPTER1
DELAY PULSE GENERATOR
REMOTE CONTROLLER3
OSCILLOSCOPE (GATE TIME MONITOR)
USB CABLE 5 m4
CD-ROM
CONTROL
SOFTWARE
AC100 V to 240 V
TRIGGER INPUT
GATE INPUT
IMAGE INTENSIFIER UNIT (C9546, C9547 SERIES)
ACCESSORIES (SOLD SEPARATELY)
MICROSCOPE
C-MOUNT
ATTACHMENT
FOR MICROSCOPE
OBJECTIVE LENS
WITH C-MOUNT
CONNECTING ITEMS
The recommended connecting items are
as follows. It dependson on the gain con-
trol method.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE www.hamamatsu.com


Similar Part No. - C9016-2X

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C901-143-6RFX AMPHENOL-C901-143-6RFX Datasheet
128Kb / 1P
   SMA R/A P.C. MOUNT JACK
logo
General Cable Technolog...
C9010A GENERAL-C9010A Datasheet
70Kb / 1P
   3C 22 AWG 7/30 TC PVC / PVC
C9010ZH GENERAL-C9010ZH Datasheet
172Kb / 1P
   3C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
logo
Usha India Ltd.
C9011 USHA-C9011 Datasheet
76Kb / 2P
   AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
logo
General Cable Technolog...
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
   4C 22 AWG 7/30 TC PVC / PVC
More results

Similar Description - C9016-2X

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10880-03C HAMAMATSU-C10880-03C_15 Datasheet
465Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9548 HAMAMATSU-C9548_15 Datasheet
397Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
V12841D-G130 HAMAMATSU-V12841D-G130_15 Datasheet
128Kb / 2P
   PROXIMITY FOCUSED IMAGE INTENSIFIER
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com