Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8940 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C8940
Description  PCI board for CCD multichannel detector head
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8940 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C8940 Datasheet HTML 1Page - Hamamatsu Corporation C8940 Datasheet HTML 2Page - Hamamatsu Corporation C8940 Datasheet HTML 3Page - Hamamatsu Corporation C8940 Datasheet HTML 4Page - Hamamatsu Corporation C8940 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2004 Hamamatsu Photonics K.K.
Interface board
C8940 series
Cat. No. KACC1096E02
Nov. 2004 DN
s Connection example of CCD multichannel detector head to peripheral devices
● Cable for image sensor (option)
A9390: 50-50-pin cable (2 m)
A9390-01: 50-36-pin cable (2 m)
A9390-02: 50-pin one end not connectorized cable (2 m)
CCD MULTICHANNEL
DETECTOR HEAD
C9047, C9047-01
POWER SUPPLY
(+5 V, ±15 V)
INTERFACE BOARD
C8940, C8940-01
EXTENDED PANEL A9414
(FOR 32 BIT INTERFACE)
IBM PC/AT COMPATIBLE PC
CABLE FOR IMAGE SENSOR
A9390, A9390-01, A9390-02 (2 m)
KACCC0210EB
5


Similar Part No. - C8940

ManufacturerPart #DatasheetDescription
logo
EPCOS
C890 EPCOS-C890 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
logo
Bel Fuse Inc.
C893-1AX1-E1 BEL-C893-1AX1-E1 Datasheet
202Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX MagJack with LEDs
C893-1AX1-E1PA BEL-C893-1AX1-E1PA Datasheet
351Kb / 4P
   C893-1AX1-E1PA
C893-1AX1-E1PB BEL-C893-1AX1-E1PB Datasheet
176Kb / 4P
   C893-1AX1-E1PB
C893-1RX1-E3 BEL-C893-1RX1-E3 Datasheet
237Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack Combo with USBs and LEDs
More results

Similar Description - C8940

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
C10150 HAMAMATSU-C10150 Datasheet
204Kb / 7P
   CCD multichannel detector head Designed for back-thinned CCD area image sensor
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com