Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C8061 Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part No. C8061
Description  Designed for InGaAs linear image sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C8061 Datasheet(HTML) 10 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
InGaAs multichannel detector head
C8061/C8062-01
10
s Connection Example
KACCC0197EB
POWER SUPPLY VF (+12 V)
F. GND
VP
*
P.GND
VD2
*
D. GND
CONTROLLER Cooling Control
D. GND
TE Controller
CONTROLLER
Cf SEL
D. GND
POWER SUPPLY
I/O SIGNAL
VD1 (+5 V)
D. GND
VA+ (+15 V)
VA- (-15 V)
A. GND
PULSE GENERATOR CLK
D. GND
Start
D. GND
S/H or A/D
Analog Input
A. GND
S/H Input
D. GND
OSCILLOSCOPE
CH1
GND
Ext.Trig
GND
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
* C8061-01: +5 V, C8062-01: +6 V
Multichannel detector head controller C7557
When connected to a HAMAMATSU multichannel detector head and a personal computer, C7557 allows easy control of the
detector head and data acquisition by using dedicated software that comes with the unit.
s
s
s
s
s Accessories
· SCSI terminator
· Fuse (2.5 A)
·
Detector head connection cables
·
AC cable
·
Software (Compatible OS: Windows 98/ME *)
·
Operation manual
* This software may be run on Windows 2000/NT/XP with a simple task. For information on how to do this, please consult with
our sales office.
Suitable multichannel detector head
C7020/-02, C7021/-02, C7025/-02,
C7040, C7041, C7043, C7044, C7180,
C7181, C8061-01, C8062-01, C10150, C10151


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn