Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C8061 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. C8061
Description  Designed for InGaAs linear image sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C8061 Datasheet HTML 1Page - Hamamatsu Corporation C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
C8061/C8062-01 series are high sensitivity multichannel detector heads for use with InGaAs linear image sensors. C8061-01 is designed for the one-
stage TE-cooled InGaAs linear image sensors and C8062-01 for two-stage TE-cooled InGaAs linear image sensors.
C8061-01 and C8062-01 incorporate a low-noise driver/amplifier circuit that provide reliable operation from simple external signals. They also
include a highly stable temperature controller that cools the sensor to a preset temperature level (C8061-01: Ts= -10 ˚C, C8062-01: Ts= -20 ˚C) as
soon as the power is turned on. If the cooler fails and overheat occurs, the built-in protection circuit automatically turns off the power to maintain
safety. Despite its compact size, the housing configuration is designed for good heat dissipation, and threaded mounting holes on the front panel
allow connections to other devices such as monochromators.
Controller for multichannel detector head C7557 is also available. The software supplied with the C7557 allows easy control of the multichannel
detector head and data acquisition.
Features
l Designed for InGaAs linear image sensor
C8061-01: One-stage TE-cooled type
C8062-01: Two-stage TE-cooled type
l Built-in driver/amplifier and temperature circuit
l Highly stable temperature controller
Cooling temperature (Ta=10 to 30 ˚C)
fixed at -10 ± 0.1 ˚C (C8061-01), -20 ± 0.1 ˚C (C8062-01)
l Simple signal input operation
l Compact configuration
Applications
l Near infrared multichannel spectroscopy
l Radiation thermometry
l Non-destructive inspection
l Optical fiber transmittance measurement
IMAGE
SENSOR
InGaAs multichannel detector head
Designed for InGaAs linear image sensor
C8061/C8062-01
s Selection Guide
The table below shows InGaAs image sensors applicable for the C8061/C8062-01.
Scince the C8061/C8062-01 do not include a InGaAs image sensor, so select the desired sensor and order it sparately.
InGaAs linear image sensor
Type No.
Type No.
Cooling
Number of
pixels
Number of
active pixels
*1
Pixel size
[µm(H) × µm(V)]
Active area
[mm (H) × mm (V)]
G9201-256S
256
256
50 × 250
12.8 × 0.25
G9202-512S
512
512
25 × 250
12.8 × 0.25
G9203-256S
256
256
50 × 500
12.8 × 0.50
G9204-512S
512
512
25 × 500
12.8 × 0.50
G9211-256S
256
>251
50 × 250
12.8 × 0.25
G9212-512S
512
>502
25 × 250
12.8 × 0.25
G9213-256S
256
>251
50 × 500
12.8 × 0.50
C8061-01
G9214-512S
One-stage
TE-cooled
512
>502
25 × 500
12.8 × 0.50
G9205-256W
G9206-256W
G9207-256W
C8062-01
G9208-256W
Two-stage
TE-cooled
256
>244
50 × 250
12.8 × 0.25
*1: Number of active pixels: The total number of pixels whose dark current and sensitivity uniformity do not exceed the maximum values.
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn