Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C8061 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part No. C8061
Description  Designed for InGaAs linear image sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C8061 Datasheet(HTML) 7 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
InGaAs multichannel detector head
C8061/C8062-01
s Pin assignment of “signal I/O” connector
15-pin D-sub connector
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin No.
Terminal name
Description
1
Cf SEL
Digital Input signal used to select conversion gain of charge amplifier in InGaAs image sensor.
HCMOS compatible
High level or left open: Low gain (0.3 V/pc)
Low level: High gain (6 V/pc)
2
Data video *
Analog video output
Positive polarity (Typ. 10 V)
3VA1+ (+15 V)
Analog power supply
4
VA1- (-15 V)
Analog power supply
5VD1 (+5 V)
Digital power supply
6
Start
Digital input signal for initializing the circuit
HCMOS compatible. Positive logic
7CLK
Digital input signal for operating the circuit
HCMOS compatible
Rising edge operation
8
EOS
Digital input signal for indicating end-of-scan of the image sensor
HCMOS compatible
Negative logic
9
A. GND
Analog ground
10
A. GND
Analog ground
11
NC
No Connection
12
D. GND
Digital ground
13
D. GND
Digital ground
14
D. GND
Digital ground
15
Trigger
Digital output signal for A/D conversion
HCMOS compatible
Positive logic
* Depending on the individual sensor to install, some channels might have a dark output lower than ground potential so use a
bipolar A/D converter.
KACCC0069EA
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn