Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

C8061 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part No. C8061
Description  Designed for InGaAs linear image sensor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C8061 Datasheet(HTML) 4 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
InGaAs multichannel detector head
C8061/C8062-01
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
WAVELENGTH (µm)
(Typ.)
T=25 ˚C
T= -10 ˚C (G9208-256W: T= -20 ˚C)
G9211 TO
G9214 SERIES
G9208-256W
s Spectral response
KMIRB0022EA
s Equivalent Circuit
KMIRC0010EB
CDS
1 PIXEL
INP
SHIFT REGISTER
OFFSET
COMPENSATION
VIDEO
AD-TRIG
Cf=0.5 pF
Cf=10 pF
TIMING GENERATOR
CLK
EXTERNAL INPUT
RESET
Vref
Vss
Vdd
PHOTODIODE
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn