Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7885 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. C7885
Description  Driver circuit for voltage-output type NMOS linear image sensor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C7885 Datasheet(HTML) 1 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C7885 series is a driver circuit specifically designed for the Hamamatsu voltage-output type NMOS linear image sensors (S3921 to S3924
series). NMOS linear image sensors are self-scanning photodiode arrays integrated with a scanning circuit of N-channel MOS transistors.
C7885 series supplies start pulses, 2-phase clock pulses and reset pulses necessary for voltage-output type image sensor operation. C7885
series also includes a signal processing circuit that inverts and amplifies video signals from an image sensor. C7885 series operates by input of a
master start pulse, master clock pulse and connection to a power supply (+12 V or +15 V).
Features
l Suitable for voltage-output type image sensors
l Compact (compared to conventional type C4074)
l Single power supply (+12 V or +15 V) operation
IMAGE
SENSOR
Driver circuit for NMOS linear image sensor
Driver circuit for voltage-output type NMOS linear image sensor
C7885 series
C7885
s Selection guide
Type No.
Product name
Feature
C7885
Driver circuit
High-speed driver circuit for voltage-output type NMOS linear
image sensors.
Has no input/output connector.
C7885G
Driver circuit + Pulse generator
A dedicated pulse generator is pre-mounted on the driver
circuit board.
Has no input/output connector.
Note)
1: Standard input/output connector is FAP-16-07#2 (made by Yamaichi, sold separately). Equivalent connectors are available
from other manufacturers.
2: Custom products with an input/output connector pre-mounted are available on request. Please consult our sales office.
3: When ordering along with a dedicated cable (A8226), C7885 will be shipped with a mating connector pre-mounted.
4: We welcome custom requests. Feel free to contact our sales office.
5: When using current-output type NMOS linear image sensors, refer to C7883/C7884 series data sheets.
s Specifications (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
+Vs
+11.5
+12.0
+15.5
V
C7885
+12 V
-
30
40
mA
Current
consumption C7885G
+Is
+12 V
-
60
80
mA
Operation frequency
-
Master clock frequency: 3 MHz
-
-
500
kHz
Gain
G
-
6
-
V/V
Operating temperature
Topr
0 to +50 *
°C
Storage temperature
Tstg
-10 to +60 *
°C
* No condensation
1


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn