Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5964-0801 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # C5964-0801
Description  NMOS multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5964-0801 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  C5964-0801 Datasheet HTML 1Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 2Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 3Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 4Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 5Page - Hamamatsu Corporation C5964-0801 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NMOS multichannel detector head
C5964 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
s Handling precautions
C5964 series is a precision device, so use sufficient caution when handling it.
q Never disassemble or modify the device as this may cause an operating failure.
q Protect the device from shocks such as drops or impacts as these may cause breakage.
q Avoid storing the device in high temperature and high humidity locations for long periods of time.
q Never block the air vents provided on the top and side panels of this unit during operation. Blocking the air vents may cause
overheating.
q When connecting to other equipment, check that the electrical specifications are matched.
q Never exceed the maximum ratings during operation.
Observe the following precautions to obtain the fullest performance of device.
q Provide a proper shield to protect the device against external electromagnetic effects.
Use of a shield cable is recommended.
q Use a power supply with minimum ripple and noise.
q Pay attention to prevent extraneous light from entering the device for accurate measurements.
s Peripheral equipment for multichannel detectors
Hamamatsu provides a variety of peripheral equipment for NMOS multichannel detectors to facilitate high-precision measurement
using computers. They include a data processing unit, and various interconnection cables. The figure below shows an example
of connections to perihperal equipment, using a PC/AT compatible machine.
KACCC0070EC
C5964 SERIES
CABLE FOR IMAGE SENSOR
(CONNECTORIZED
AT BOTH ENDS)
A3017
A3017-01
A3017-02
(0.5 m)
(1 m)
(1.5 m)
SIGNAL CABLE
A3020 (1.5 m, 2 CABLES)
(CONNECTORIZED
AT BOTH ENDS)
POWER SUPPLY CABLE
A3018-02 (1.5 m)
OSCILLOSCOPE
DATA PROCESSING UNIT
C8799
USB CABLE (1.5 m)
C8799 ACCESSORIES
PC/AT COMPATIBLE
MACHINE
HAMAMATSU
POWER SUPPLY
Cat. No. KACC1018E04
Sept. 2005 DN
6


Similar Part No. - C5964-0801

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964-0801 HAMAMATSU-C5964-0801 Datasheet
243Kb / 6P
   NMOS multichannel detector head
More results

Similar Description - C5964-0801

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com