Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7043 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part No. C7043
Description  Designed for back-thinned CCD area image sensor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C7043 Datasheet(HTML) 4 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CCD multichannel detector head
C7043, C7044
s Block diagram (C7044)
s Timing chart (line binning operation)
LED
TH.H
P+
P-
TH+
TEMPERATURE CONTROLLER *
TIMING
GENERATOR
D. GND
A. GND
CLK
Start
Trigger
EOS
TE-COOLER
VDD
CCD AREA IMAGE SENSOR
S7034 SERIES
BUFFER
LOW-PASS
FILTER
Data Video
PRE-AMP
DRIVER
REGULATOR
VEE
CLAMP
OD
RD
OG
IG1H, IG2H
IG1V, IG2V
P1V, P2V, TG
P1H, P2H
SG
RG
SS, ISV, ISH
OS
TH-
Mode Select
Vp (+5 V)
P. GND
VD2 (+5 V)
D. GND
VF (+12 V)
F. GND
Temp Monitor
INVERTER
Cooling Control
VD1 (+5 V)
VA1+ (+15 V)
VA1- (-15 V)
VA2 (+24 V)
* C7043 does not include the temperature controller and TE-cooler.
M=128 N=532, 1044
V-ch1--V-ch2, V-ch (M-3)--V-ch (M): ISOLATION PIXELS
H-ch1--H-ch4, H-ch (N-3)--H-ch (N): BLANK PIXELS
V-ch1
V-ch2
V-ch(M)
H-ch1
H-ch2
Start
CLK
P1V
P2V
P1H
P2H
SG
RG
Clamp
EOS
Trigger
Data Video
TG
H-ch(N)
H-ch(N-9)
H-ch(N-10)
H-ch11
H-ch10
KACCC0114EB
KACCC0115EC
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn