Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7020 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. C7020
Description  Designed for front-illuminated CCD area image sensors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C7020 Datasheet(HTML) 2 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCD multichannel detector head
C7020, C7021, C7025
s Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage (for digital circuitry)
VD1
-0.5
-
+7
VA1+
-
-
+18
VA1-
-
-
-18
Supply voltage (for analog circuitry)
VA2
-
-
+30
VD2
--
+7
Vp
-
-
+7
Supply voltage *3
VF
--
+14
Digital input voltage
-
-
-
VD (1, 2)
V
C7020
0
-
+50
Operating temperature
C7021, C7025
Topr
+10
-
+35 *3
C7020
-20
-
+70
Storage temperature
C7021, C7025
Tstg
0
-
+50
°C
s Electrical characteristics
(Ta=25 °C, VD1=+5 V, VA1+=+15 V, VA1-= -15 V, VA2=+24 V, VD2=+5 V, Vp=+5 V, VF=+12 V, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
High level
VIH
+2.0
-
VD (1, 2)
V
Digital input
Low level
VIL
-0.5
-
+0.8
V
CLK frequency
fclk
-
-
1
MHz
Data video readout frequency
fv
-
-
fCLK/4
Hz
Start pulse width
tst
1/fCLK
-
-
s
High level (Io= -6 mA)
VIH
+2.0
-
-
V
Digital output
Low level (Io=+6 mA)
VIL
--
+0.8
V
Power supply operating conditions
Digital circuitry
VD1
+4.75
+5.0
+5.25
V
VA1+
+14.5
+15.0
+15.5
V
VA1-
-14.5
-15.0
-15.5
V
Analog circuitry
VA2
+23.5
+24.0
+24.5
V
VD2
+4.75
+5.0
+5.25
V
Vp
+4.75
+5.0
+5.25
V
Voltage
Other
VF
+11.75
+12.0
+12.75
V
VD1 (+5 VDC)
-
-
-
+200
mA
VA1+ (+15 VDC)
-
-
-
+100
mA
VA1- (-15 VDC)
-
-
-
-100
mA
VA2 (+24 VDC)
-
-
-
+30
mA
VD2 (+5 VDC) *4
---
+30
mA
Vp (+5 DC) *4
---
+2.5
A
Current
VF (+12 VDC) *4
-
-
+100
-
mA
s Electrical and optical characteristics
(Ta=25 °C, Ts= -10 °C, VD1=+5 V, VA1+=+15 V, VA1-= -15 V, VA2=+24 V, VD2=+5 V, Vp=+5 V, VF=+12 V, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
400 to
1100
-nm
Vertical
-
300000
-
Full well capacity
Horizontal
Fw
-
600000
-
e
-
Conversion gain *5
Sv
-
15
-
µV/e
-
C7020
-
1000
3000
Dark current *6
C7021, C7025
DS
15
45
e
-/pixel/s
Readout noise
Nr
-
20
-
e
-rms
Dynamic range
DR
-
30000
-
-
Photo response non-uniformity *7
PRNU
-
-
±10
%
*3: The maximum value may be lower, depending on the drive frequency and the number of sensor pixels.
*4: C7021, C7025
*5: Including the circuit gain.
*6: At MPP mode. Vertical register value. The actual value equals the sum of the vertical direction because of the binning
operation.
*7: Measured at 50 % of the full well capacity.
2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn