Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7020 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. C7020
Description  Designed for front-illuminated CCD area image sensors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C7020 Datasheet(HTML) 1 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C7020, C7021 and C7025 are high sensitivity multichannel detector heads for use with front-illuminated FFT-CCD area image sensors. C7020 is
designed for the non-cooled front-illuminated CCD image sensors (S7010 series), while C7021 and C7025 for the TE-cooled CCD image sensors
(S7011/S7015 series) for detection at even lower light levels. C7020, C7021 and C7025 incorporate a low-noise driver/amplifier circuit that
provide reliable operation from simple external signals. C7021 and C7025 also include a highly stable temperature controller that cools the sensor
to a preset temperature level (Ts= -10 ˚C) as soon as the power is turned on. If the cooler fails and causes internal circuitry to overheat, the built-
in protection circuit automatically turns off the power to the thermoelectric cooler. Despite its compact size, the housing configuration is designed
for good heat dissipation, and threaded mounting holes on the front panel allow connections to other devices such as monochrometers.
The table below shows front-illuminated CCD image sensors for C7020, C7021 and C7025. C7020, C7021 and C7025 do not come with a CCD
image sensor, so select the desired sensor and order it separately.
Controller for multichannel detector head C7557 is also available. The software supplied with the C7557 allows easy control of the multichannel
detector head and data acquisition.
Features
l Designed for front-illuminated CCD area image sensor *1
C7020: for non-cooled type
C7021, C7025: for TE-cooled types
l Line binning operation *2/area scanning operation
l Driver/amplifier circuit for low noise CCD operation
l Highly stable temperature controller (C7021, C7025)
Cooling temperature: fixed at -10 ± 0.05 ˚C
l Simple signal input operation
l Compact configuration
Applications
l Fluorescence spectroscopy
l Raman spectroscopy
l Other low light level detection
IMAGE
SENSOR
CCD multichannel detector head
Designed for front-illuminated CCD area image sensors
C7020, C7021, C7025
s Selection guide
The table below shows CCD area image sensors applicable for C7020, C7021, C7025.
Since C7020, C7021, C7025 do not include a CCD area image sensor, so select the desired sensor and order it separately.
CCD area image sensor
Type No.
Type No.
Number of pixels
Number of
active pixels
Active area
[mm (H) × mm (V)]
S7010-0906
532 × 64
512 × 60
12.288 × 1.440
S7010-0907
532 × 128
512 × 124
12.288 × 2.976
S7010-0908
532 × 256
512 × 252
12.288 × 6.048
S7010-1006
1044 × 64
1024 × 60
24.576 × 1.440
S7010-1007
1044 × 128
1024 × 124
24.576 × 2.976
C7020
S7010-1008
1044 × 256
1024 × 252
24.576 × 6.048
S7011-0906
532 × 64
512 × 60
12.288 × 1.440
S7011-0907
532 × 128
512 × 124
12.288 × 2.976
S7011-1006
1044 × 64
1024 × 60
24.576 × 1.440
C7021
S7011-1007
1044 × 128
1024 × 124
24.576 × 2.976
S7015-0908
532 × 256
512 × 252
12.288 × 6.048
C7025
S7015-1008
1044 × 256
1024 × 252
24.576 × 6.048
*1: The FFT-CCD (full frame transfer CCD) has charge transfer sections that are also used as light receiving areas, being
different from interline transfer CCD (IT-CCD) commonly used in video cameras. Compared to the IT-CCD, the FFT-CCD
offers advantages of low dark current, a 100 % open area ratio and low image lag.
*2: The FFT-CCD was originally designed as a two-dimensional image sensor. However, it can be operated like a linear image
sensor having a large active area by transferring all the pixel signals in the vertical direction to the horizontal register (this is
referred to as line binning).
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn