Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C7020 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part No. C7020
Description  Designed for front-illuminated CCD area image sensors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C7020 Datasheet(HTML) 5 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CCD multichannel detector head
C7020, C7021, C7025
s Pin assignment of "SIGNAL I/O" connector
15-pin D-sub connector
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
s Pin assignment of "TE CONTROL I/O" connector (C7021, C7025)
9-pin D-sub connector
1
2
3
4
5
6
7
8
9
Pin No.
Terminal name
Description
1
Mode select
Digital input signal used to select between the line binning operation and area scanning
operation.
HCMOS compatible.
High level or left open: line binning operation
Low level: area scanning operation
2
Data video
Analog video output. Positive polarity
3VA1+ (+15 V)
Analog power supply
4
VA1- (-15 V)
Analog power supply
5VD1 (+5 V)
Digital power supply
6
Start
Digital input signal for initializing the circuit.
HCMOS compatible. Positive logic.
The interval of the start pulses determines the integration time of the CCD image sensor.
7CLK
Digital input signal for operating the circuit.
HCMOS compatible. Rising edge operation.
8
EOS
Digital input signal for indicating end-of-scan of the image sensor.
HCMOS compatible. Negative logic.
9
A. GND
Analog ground
10
A. GND
Analog ground
11
VA2 (+24 V)
Analog power supply
12
D. GND
Digital ground
13
D. GND
Digital ground
14
D. GND
Digital ground
15
Trigger
Digital output signal for A/D conversion. HCMOS compatible. Positive logic.
Pin No.
Terminal name
Description
1VD2 (+5 V)
Digital power supply
2
Temp monitor
Analog output signal of the temperature of the CCD image sensor
3
Cooling control
Digital input signal for starting to cool down. HCMOS compatible.
High level or left open: cooling
Low level: stand-by
4
Vp (+5 V)
Power supply for the thermoelectric cooler in the CCD image sensor.
(Please use AWG 18 wire)
5VF (+12 V)
Power supply for cooling fan
6
D. GND
Ground
7
D. GND
Ground
8
P. GND
Power supply return of the thermoelectric cooler mounted in the CCD image sensor.
(Please use AWG 18 wire)
9
F. GND
Power supply return for cooling fan
Available for using same power supply (+5 V) for "+VD2" and "+Vp".
Caution: Do not connect "VD2" and "Vp" together on the backside of the 9-pin D-sub connector.
These may be connected (shorted) at the power supply end, not 9-pin D-sub connector.
KACCC0069EA
KACCC0075EA
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn