Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C6386-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. C6386-01
Description  Light-to-voltage conversion amplifier with optical fiber
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C6386-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C6386-01 Datasheet HTML 1Page - Hamamatsu Corporation C6386-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photosensor amplifier
C6386-01
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KACC1101E01
May 2006 DN
300 mm
PARALLEL LIGHT
1.8 V
10
W
L2791
l=880 nm
Po=1.3 mW
IF=30 mA
FIBER
STRAIGHT
C6386-01
(WITH DRY BATTERIES)
RANGE: H
VOLTMETER
TYPE NO.
: 195A (KEITHLEY)
OUTPUT VOLTAGE: 2.0 V
100
(Typ. Ta=25 ˚C)
10
1
0.1
0.01
300 400
500
600
700
800
900 1000 1100 1200
WAVELENGTH (nm)
H RANGE
M RANGE
L RANGE
s Spectral response
KACCB0041EC
Accessories: Dedicated optical fiber: A9511 (Also sold separately)
Plug for external power supply input HR10-7P-4S (HIROSE)
Lead: AWG#24 (length: approx. 500 mm) color: red (+Vs), blue (-Vs), black (GND)
s Operation example
s Frequency response
s Dimensional outlines (unit: mm)
KACCC0029EB
KACCB0042EB
KACCA0020EB
10
6
10
5
10
4
10
3
10
2
100 kHz
1 MHz
10 MHz
100 MHz
FREQUENCY
(Typ. Ta=25 ˚C)
H RANGE
M RANGE
L RANGE
114 ± 1
PILOT LAMP
POWER SUPPLY
SWITCH
ZERO ADJUSTMENT
CONTROL
Rf CHANGE SWITCH
INPUT
OUTPUT
EXTERNAL POWER
SUPPLY INPUT
<UPPER SURFACE>
<FRONT>
(1/4-36UNS)
(BNC-R)
17 ± 0.5
20 ± 0.5
1000 ± 20
5.0 ± 0.4
2.0
<OPTICAL FIBER: A9511>
SMA TYPE CONNECTOR
(1/4-36UNS)
NYLON TUBE
TIP PART
(ALUMINUM ALLOY)
KACCA0057EB
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn