Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C6386-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C6386-01
Description  Light-to-voltage conversion amplifier with optical fiber
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C6386-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C6386-01 Datasheet HTML 1Page - Hamamatsu Corporation C6386-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Easy handling
Built-in photodiode allows easy detection of light just by
connecting to a voltmeter.
l Optical fiber light input
Measures light at a narrow detection point. Separating the
amplifier from the detection point allows measurement in
unusual environments and achieves low noise.
l Three sensitivity ranges
l High-speed response
Applications
l Optical power meters
l Laser monitors
l Precision photometry
l Various light detection (sparks inside equipment, etc.)
MODULE
Photosensor amplifier
Light-to-voltage conversion amplifier with optical fiber
C6386-01
Range C o nversio n im pe dan ce (V /A ) C u t-off frequency (M H z)
H10
5
1
M
10
4
3
L10
3
10
s Absolute maximum ratings
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vs
±18
V
Current consumption
Is
Dark state
±7
mA
Output short-circuit time
-
Continuous
-
Operating temperature
Topr
No condensation
0 to +40
°C
Optical fiber usage temperature
-
No condensation
0 to +60
°C
Minimum bending radius for
optical fiber
-
R15
mm
s Recommended operating range
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
Vs
±6
-
±15
V
s Specifications (Ta=25 °C, Vs=±15 V, ±9 V using integrated dry batteries)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photo sensitivity
opening diameter
--
φ2.0-
mm
Numerical aperture
-
-
0.56
-
-
H-
30-
M-
3
-
Photo sensitivity *
1
L
S
λ=830 nm
M e as ur ed w h e n light is input
to th e o ptic al fib er e n d.
-0.3
-
mV/
µW
Output resistance
-
-
200
-
Vs=±15 V, RL=2 k
+10-
-
Output voltage amplitude
VFS
Vs=±9 V, RL=2 k
+5
-
-
V
Output noise
Vn
Dark state, all bandwidth
-
-
10
mVp-p
HDC
1
-
MDC
3
-
Fr eq u ency ban d width *2
L
f
-3 dB
DC
10-
MHz
Battery lifetime
-
W ith dry batteries
dark state, RL > 10 k
-
90
-
hr
W eight
-
Including batteries
-
460-
g
*1: Refer to spectral response
*2: Refer to frequency response
1


Similar Part No. - C6386-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6386-01 HAMAMATSU-C6386-01_15 Datasheet
88Kb / 2P
   Light-to-voltage conversion amplifier with optical fiber
More results

Similar Description - C6386-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6386-01 HAMAMATSU-C6386-01_15 Datasheet
88Kb / 2P
   Light-to-voltage conversion amplifier with optical fiber
C8366 HAMAMATSU-C8366_15 Datasheet
563Kb / 4P
   Current-to-voltage conversion amplifier
logo
ams AG
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL254R TAOS-TSL254R Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
[Old version datasheet]   LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com