Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

C5594 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part No. C5594
Description  HIGH SPEED AMPLIFIER FOR PHOTOMULTIPLIER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C5594 Datasheet(HTML) 2 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HIGH SPEED AMPLIFIER C5594 SERIES
Figure 1: Typical Small Signal Gain vs. Frequency
Figure 3: Dimensional Outline (C5594-22) (Unit: mm)
Figure 2: Typical Output Saturation
50
40
30
20
10
0
FREQUENCY (MHz)
10-2
10-3
100
101
102
103
104
TACCB0006EA
TACCB0007EA
01
2
3
4
4
3
2
1
0
Vcc= +15V
Vcc= +12V
INPUT VOLTAGE
TYPICAL GAIN (V)
17
9.5
18
18
54
9.6
9.6
C5594
50k-1.5GHz 36dB
HIGH SPEED AMPLIFIER
IN
OUT
GND
+15V
TACCA0051EB


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn