Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

C5594 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. C5594
Description  HIGH SPEED AMPLIFIER FOR PHOTOMULTIPLIER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

C5594 Datasheet(HTML) 1 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH SPEED AMPLIFIER
FOR PHOTOMULTIPLIER TUBES
C5594 SERIES
lnformation furnished by HA MAM ATS U is believed to be reliabIe. However, no responsibility is assumed for possibIe inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
TACCF0117
Gain: 36 dB (Voltage Gain of
63)
Frequency Bandwidth: 50 k to 1.5 GHz
The C5594 is designed as the most suitable amplifier
unit for photomultiplier tubes and a non-inverting
type amplifier.
This unit has high gain of 36 dB (voltage amplification
of
63) and wide frequency bandwidth of 50 kHz to
1.5 GHz, which can accurately amplitude the PMT
pulse output.
Therefore it is well-matched to the application of
Time Correlated Single Photon Counting (TCPC) for
fluorescence life time measurement with MCP-PMT
and various time response measurements with
PMTs. It is possible to be operated at the applied
voltage range of +12 to +16 volts.
The input and output connectors can be chosen by
the combination of SMA and/or BNC.
MAXIMUM RATINGS
Parameter
Symbol
Value
Supply Voltage
Input Signal Power
Operating Temperature
Storage Temperature
Vcc
Pin
Ta
Tstg
+17
+10
0 to +50
-40 to +60
V
dBm
Unit
SPECIFICATIONS (at Vcc = +15 V/Ta = +25
)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Upper Cutoff Frequency
Lower Cutoff Frequency
Gain
Gain Flatness
Noise Figure
Input/Output Impedance
Current Consumption
fc (HIGH)
fc (LOW)
G
G
NF
Icc
f = 0.1 GHz
f = 200 k to 1 GHz
3 dB down point from
the gain at 0.1 GHz
1.2
34
1.5
50
36
± 1.0
5
50
95
100
GHz
kHz
dB
dB
dB
mA
Unit
RECOMMENDED OPERATING VOLTAGE RANGE
Parameter
Symbol
Value
Supply Voltage
Vcc
+12 to +16
V
Unit
Recommended Voltage: +15V


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn