Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3A5795-17305E5GG Datasheet(PDF) 3 Page - DB Lectro Inc

Part # D3A5795-17305E5GG
Description  QUARTZ CRYSTAL UNIT Holder code D & E, TUNING FORK WATCH CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

D3A5795-17305E5GG Datasheet(HTML) 3 Page - DB Lectro Inc

  D3A5795-17305E5GG Datasheet HTML 1Page - DB Lectro Inc D3A5795-17305E5GG Datasheet HTML 2Page - DB Lectro Inc D3A5795-17305E5GG Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CODE
E
D
D3A5795-17305EFB-G
D
3A5795
-
17
30
5
E
F
B
G
"T" TAPE / REEL
"G" TAPE / REEL / GULLWING
"C" TAPE / REEL / CRIMPED LEADS
ROHS COMPLIANT
"T" THIRD OVERTONE
"5" FIFTH OVERTONE
"7" SEVENTH OVERTONE
"B" BULK
"A" STANDARD TEMP. -10°C+60°C
5=50PPM (TYPICAL)
"F" FUNDAMENTAL
6=100PPM
"E" EXTENDED TEMP.
-40°C+85°C
2=20PPM
"Blank" TYPICAL TEMP. -20°C+70°C
3=30PPM
FREQUENCY TOLERENCE (30PPM)
FREQUENCY STABILITY AT OPERATING TEMPERATURE:
0=5PPM
OPERATING TEMPERATURE RANGE
1=10PPM
"V" VINYL SLEEVE
"C" CUT LEAD
"T" THIRD LEG GROUND
LOAD CAPACITANCE (17PF)
DB LECTRO Inc.
FIRST FIVE NUMBERS OF THE FREQUENCY WITH HOLDER CODE AT DECIMAL POINT
"-" REGULAR PACKAGE
"I" ISOLATED WITH WASHER
PART NUMBER EXPLANATION - HOW TO ORDER
3,5795MHZ 17PF 30PPM/50PPM FUNDAMENTAL BULK (ROHS COMPLIANT)
CRYSTAL PART NUMBER SYSTEM
HOLDER DESCRIPTION
2X6
3X8
DB Lectro Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Description - D3A5795-17305E5GG

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
   Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
   Tuning Fork Quartz Crystal
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
   Tuning Fork Quartz Crystal
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
   Tuning Fork Quartz Crystal
logo
CITIZEN ELECTRONICS CO....
CMJ206T32.768KDZF-UT CITIZEN-CMJ206T32.768KDZF-UT Datasheet
74Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
List of Unclassifed Man...
CM519 ETC2-CM519 Datasheet
695Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CM2012H CITIZEN-CM2012H Datasheet
463Kb / 2P
   TUNING FORK CRYSTAL UNIT
logo
Raltron Electronics Cor...
R26-32.768-12.5 RALTRON-R26-32.768-12.5 Datasheet
88Kb / 1P
   TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CM315E CITIZEN-CM315E Datasheet
629Kb / 1P
   TUNING FORK CRYSTAL UNIT
CM130 CITIZEN-CM130 Datasheet
684Kb / 1P
   TUNING FORK CRYSTAL UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com