Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1034F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD1034F
Description  High-side Power Switch for Motors, Solenoids, and Lamp Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1034F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD1034F_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPD1034F
2006-10-31
1
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1034F
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
The TPD1034F is a monolithic power IC for high-side switches.
The IC has a vertical MOS FET output which can be directly
driven from a CMOS or TTL logic circuit (e.g., an MPU).
The device offers intelligent self-protection and diagnostic
functions.
Features
A monolithic power IC with a new structure combining a
control
block (Bi-CMOS) and a vertical power MOS FET (π-MOS)
on a single chip.
One side of the load can be grounded to a high-side switch.
Can directly drive a power load from a microprocessor.
Built-in protection against thermal shutdown and load short-circuiting.
Incorporates a diagnosis function that allows diagnosis output to
be read externally at load short-circuiting, opening, or overtemperature
Up to −10 V of counter electromotive force from an L load can be applied.
Low on-resistance
: RON = 80 mΩ (max)
Low operating current
: IDD = 1 mA (typ.), (@VDD = 12 V, VIN = 0 V)
8-pin SOP package for surface mounting can be packed in tape.
Note:
Due to its MOS structure, this product is sensitive to static electricity. Handle with care.
Weight: 0.08 g (typ.)


Similar Part No. - TPD1034F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1034F TOSHIBA-TPD1034F Datasheet
318Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
More results

Similar Description - TPD1034F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F Datasheet
318Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1008SA TOSHIBA-TPD1008SA Datasheet
324Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS,SOLENOIDS, AND LAMP DRIVERS
TPD1008SA TOSHIBA-TPD1008SA_07 Datasheet
762Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F_07 Datasheet
500Kb / 8P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com