Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8209 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCS8209
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8209 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCS8209_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8209_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8209_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8209_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8209_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8209_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8209_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8209
2007-01-16
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = 20 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
20
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −12 V
8
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 200 μA
0.5
1.2
V
VGS = 2.0 V, ID = 3.5 A
34
60
VGS = 2.5 V, ID = 3.5 A
26
40
Drain-source ON resistance
RDS (ON)
VGS = 4.0 V, ID = 4.0 A
19
30
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
4.6
9.2
S
Input capacitance
Ciss
1280
Reverse transfer capacitance
Crss
130
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
150
pF
Rise time
tr
4.5
Turn-ON time
ton
11
Fall time
tf
7.3
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 μs
33
ns
Total gate charge
(gate-source plus gate-drain)
Qg
15
Gate-source charge 1
Qgs1
3.3
Gate-drain (“miller”) charge
Qgd
VDD ∼− 16 V, VGS = 5 V, ID = 5 A
3.5
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
−1.2
V
VDD ∼− 10 V
0 V
VGS
5 V
ID = 2.5 A
VOUT


Similar Part No. - TPCS8209_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8209 TOSHIBA-TPCS8209 Datasheet
305Kb / 2P
   High performance, Low Cost 20 pin OTP
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results

Similar Description - TPCS8209_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com