Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8004 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCS8004
Description  High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8004 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCS8004_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8004_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8004
2004-07-06
5
0
0
40
4
8
12
16
80
120
160
0
4
8
12
16
Common source
ID = 1.3 A
Ta
= 25 °C
VDS
40
80
VGS
VDD = 160 V
Ambient temperature Ta
(°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
1
10
100
1000
0.1
1
10
100
Common source
Ta
= 25°C
f
= 1MHz
VGS = 0 V
Crss
Coss
Ciss
0.1
0.5
1
5
−0.03
−0.1
−0.3 −0.5
−1
−3
−0.05
3
0.3
10
3 V
0,
−1 V
VGS = 10 V
5 V
Common source
Ta
= 25°C
Pulse test
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
0.2
0.4
0
0.8
1.2
−80
−40
0
40
80
160
Common source
Pulse test
1.0
120
ID = 0.32 A
0.65 A
1.3 A
VGS = 10 V
0
1
2
3
4
5
−80
−40
0
40
80
160
Common source
VDS = 10 V
ID = 1 mA
Pulse test
120
0
(1) Device mounted on a glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a glass-epoxy board (b)
(Note 2b)
t = 10 s
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
(2)
(1)


Similar Part No. - TPCS8004_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
More results

Similar Description - TPCS8004_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com