Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V3640 Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74V3640
Description  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V3640 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74V3640 Datasheet HTML 13Page - Texas Instruments SN74V3640 Datasheet HTML 14Page - Texas Instruments SN74V3640 Datasheet HTML 15Page - Texas Instruments SN74V3640 Datasheet HTML 16Page - Texas Instruments SN74V3640 Datasheet HTML 17Page - Texas Instruments SN74V3640 Datasheet HTML 18Page - Texas Instruments SN74V3640 Datasheet HTML 19Page - Texas Instruments SN74V3640 Datasheet HTML 20Page - Texas Instruments SN74V3640 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FWFT mode
In FWFT mode, status flags IR, PAF, HF, PAE, and OR operate as outlined in Table 4. To write data into the FIFO,
WEN must be low. Data presented to the DATA IN lines is clocked into the FIFO on subsequent transitions of
WCLK. After the first write is performed, the OR flag goes low. Subsequent writes continue to fill the FIFO. PAE
goes high after n + 2 words have been loaded into the FIFO, where n is the empty offset value. The default
settings for these values are shown in Table 2, and are user programmable.
If one continues to write data into the FIFO and assumes no read operations are taking place, HF switches to
low once the 514th word for the SN74V3640, 1026th word for the SN74V3650, 2050th word for the SN74V3660,
4098th word for the SN74V3670, 8194th word for the SN74V3680, and 16386th word for the SN74V3690, are
written into the FIFO. Continuing to write data into the FIFO causes PAF to go low. If no reads are performed,
PAF goes low after (1025 – m) writes for the SN74V3640, (2049 – m) writes for the SN74V3650, (4097 – m)
writes for the SN74V3660, (8193 – m) writes for the SN74V3670, (16385 – m) writes for the SN74V3680, and
(32769 – m) writes for the SN74V3690, where m is the full offset value. The default setting for these values is
shown in Table 2.
When the FIFO is full, the IR flag goes high, inhibiting further write operations. If no reads are performed after
a reset, IR goes high after D writes to the FIFO. D = 1025 writes for the SN74V3640, D = 2049 writes for the
SN74V3650, D = 4097 writes for the SN74V3660, D = 8193 writes for the SN74V3670, D = 16385 writes for
the SN74V3680, and D = 32769 writes for the SN74V3690. Note that the additional word in FWFT mode is due
to the capacity of the memory plus output register.
If the FIFO is full, the first read operation causes the IR flag to go low. Subsequent read operations cause PAF
and HF to go high at the conditions described in Table 4. If further read operations occur without write operations,
PAE goes low when there are n + 1 words in the FIFO, where n is the empty offset value. Continuing read
operations causes the FIFO to become empty. When the last word has been read from the FIFO, OR goes high,
inhibiting further read operations. REN is ignored when the FIFO is empty.
When configured in FWFT mode, the OR flag output is triple register buffered, and the IR flag output is double
register buffered.
See Figures 9, 10, 12, and 14 for timing information.
standard mode
In standard mode, status flags FF, PAF, HF, PAE, and EF operate as outlined in Table 3. To write data into the
FIFO, WEN must be low. Data presented to the DATA IN lines is clocked into the FIFO on subsequent transitions
of WCLK. After the first write is performed, EF goes high. Subsequent writes continue to fill the FIFO. PAE goes
high after n + 1 words have been loaded into the FIFO, where n is the empty offset value. The default setting
for these values is shown in Table 2. This parameter is also user programmable.
If one continues to write data into the FIFO and assumes no read operations are taking place, HF switches to
low after the 513rd word for SN74V3640, 1025th word for SN74V3650, 2049th word for SN74V3660,
4097th word for SN74V3670, 8193th word for the SN74V3680, and 16385th word for the SN74V3690 are
written into the FIFO. Continuing to write data into the FIFO causes PAF to go low. If no reads are performed,
PAF goes low after (1024 – m) writes for the SN74V3640, (2048 – m) writes for the SN74V3650, (4096 – m)
writes for the SN74V3660, (8192 – m) writes for the SN74V3670, (16384 – m) writes for the SN74V3680, and
(32768 – m) writes for the SN74V3690. Offset m is the full offset value. The default setting for these values is
in the footnote of Table 2. This parameter is also user programmable.
When the FIFO is full, FF goes low, inhibiting further write operations. If no reads are performed after a reset,
FF goes low after D writes to the FIFO. D = 1024 writes for the SN74V3640, D = 2048 writes for the SN74V3650,
D = 4096 writes for the SN74V3660, D = 8192 writes for the SN74V3670, D = 16384 writes for the SN74V3680,
and D = 32768 writes for the SN74V3690.


Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com