Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9216 Datasheet(PDF) 25 Page - Intersil Corporation

Part # ISL9216
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9216 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button ISL9216 Datasheet HTML 21Page - Intersil Corporation ISL9216 Datasheet HTML 22Page - Intersil Corporation ISL9216 Datasheet HTML 23Page - Intersil Corporation ISL9216 Datasheet HTML 24Page - Intersil Corporation ISL9216 Datasheet HTML 25Page - Intersil Corporation ISL9216 Datasheet HTML 26Page - Intersil Corporation ISL9216 Datasheet HTML 27Page - Intersil Corporation ISL9216 Datasheet HTML 28Page - Intersil Corporation ISL9216 Datasheet HTML 29Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25
FN6488.1
November 2, 2007
DEFINITION OF CELL BALANCING
Cell balancing is defined as the application of differential
currents to individual cells (or combinations of cells) in a
series string. Normally, of course, cells in a series string
receive identical currents. A battery pack requires additional
components and circuitry to achieve cell balancing. For the
ISL9216 and ISL9217 devices, the only external
components required are balancing resistors.
CELL BALANCE OPERATION
Cell balancing is accomplished through a microcontroller
algorithm. This algorithm compares the cell voltages (a
representation of the pack capacity) and turns on balancing
for the cells that have the higher voltages. There are many
parameters that should be considered when writing this
algorithm. An example cell balancing algorithm is available
in the ISL9216EVAL1Z evaluation kit.
The microcontroller turns on the specific cell balancing by
setting a bit in the Cell Balance Register. Each bit in the
register corresponds to one cell’s balancing control. When
the bit is set, an internal cell balancing FET turns on. This
shorts an external resistor across the specified cell. The
maximum current that can be drawn from (or bypassed
around) the cell is 200mA. This current is set by selecting
the value of the external resistor. Figure 7 shows an example
with a 200mA (maximum) balancing current.
With lower balancing current, more balancing FETs can be
turned on at once, without exceeding the device power
dissipation limits or generating excessive balancing current
that will heat the external resistor.
External VMON/CFET Protection Mechanisms
When there is a single charge/discharge path, a blocking
diode is required in the ISL9216 VMON to P- path. See D1 in
Figure 8. This diode is to protect against a negative voltage
on the VMON pin that can occur when the FETs are off and
the charger connects to the pack. This diode is not needed
when there is a separate charge and discharge path,
because the voltages on P- (discharge) are likely always
positive.
For the cascaded combination of ISL9216 and ISL9217, a
zener diode (D2 in Figure 8) needs to be in the ISL9216
VMON path to the P- pin to protect the ISL9216 from an
overvoltage condition when the FETs open due to a short
circuit or overcurrent condition.
With the single set of charge/discharge FETs, the ISL9216
CFET pin needs to be protected in the event of an over-
current or short circuit shut-down. When this happens, the
FET opens suddenly. The flyback voltage from the motor
windings will likely exceed the maximum input voltage on the
CFET pin. So, when operating in this configuration, an
additional external series diode must be placed between the
CFET pin of the ISL9216 and the gate of the Charge FET.
See Diode D3 in Figure 8. This will reduce the CFET gate
voltage, but not significantly.
Finally, in all configurations, to protect the Charge FET itself
in the event of a large negative voltage on the Pack- pin,
zener diode D4 is added. The large negative voltage can
occur when the P- pin goes significantly negative, while the
CFET pin is being internally clamped at VSS. The zener
voltage of D4 should be less than the VGS(max)
specification of the FET.
CELL
ISL9216, ISL9217
BALANCE
REG
VC7/VCC
VSS
FIGURE 7. CELL BALANCING CONTROL EXAMPLE WITH
100mA BALANCING CURRENT
7 654 321
21
Ω
200mA
1W
21
Ω
1W
VCELL1
CB1
CB7
MUST ASSUME ZERO rDS(ON)
FOR MAX CURRENT CALCULATION
PACK-
PACK+
ISL9216
ISL9217
CFET
DFET
D3
D4
D2
D1
1M
VMON
FIGURE 8. USE OF A DIODES FOR PROTECTING THE
CFET AND VMON PINS.
10M
ISL9216, ISL9217


Similar Part No. - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL9216IRZ RENESAS-ISL9216IRZ Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
More results

Similar Description - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com