Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9216 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL9216
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9216 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL9216 Datasheet HTML 14Page - Intersil Corporation ISL9216 Datasheet HTML 15Page - Intersil Corporation ISL9216 Datasheet HTML 16Page - Intersil Corporation ISL9216 Datasheet HTML 17Page - Intersil Corporation ISL9216 Datasheet HTML 18Page - Intersil Corporation ISL9216 Datasheet HTML 19Page - Intersil Corporation ISL9216 Datasheet HTML 20Page - Intersil Corporation ISL9216 Datasheet HTML 21Page - Intersil Corporation ISL9216 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
FN6488.1
November 2, 2007
Configuration Registers
The device is configured for specific application requirements using the Configuration Registers. The configuration register
consists of SRAM memory. This memory is powered by the RGO output. In a sleep condition, an internal switch powers the
contents of these registers from the VCELL1 input.
TABLE 7. DISCHARGE SET CONFIGURATION REGISTER (ADDR: 05H)
SETTING
FUNCTION
Bit 7
DENOCD
Turn off automatic OCD control
(ISL9216 only)
When set to ‘0’, a discharge overcurrent condition automatically turns off the FETs.
When set to ‘1’, a discharge overcurrent condition will not automatically turn off the FETs.
In either case, this condition sets the DOC bit, which also turns on the TEMP3V output.
Bit 6
OCDV1
Bit 5
OCDV0
Discharge Overcurrent Threshold
(ISL9216 only)
00
VOCD = 0.10V
01
VOCD = 0.12V
10
VOCD = 0.14V
11
VOCD = 0.16V
Bit 4
DENSCD
Turn off automatic SCD control
(ISL9216 only)
When set to ‘0’, a discharge short circuit condition turns off the FETs.
When set to ‘1’, a discharge short circuit condition will not automatically turn off the FETs.
In either case, the condition sets the SCD bit, which also turns on the TEMP3V output.
Bit 3
SCDV1
Bit 2
SCDV0
Discharge Short Circuit Threshold
(ISL9216 only)
00
VSCD = 0.20V
01
VSCD = 0.35V
10
VSCD = 0.65V
11
VSCD = 1.20V
Bit 1
OCDT1
Bit 0
OCDT0
Discharge Overcurrent Time-out
(ISL9216 only)
00
tOCD = 160ms (2.5ms if DTDIV = 1)
01
tOCD = 320ms (5ms if DTDIV = 1)
10
tOCD = 640ms (8ms if DTDIV = 1)
11
tOCD = 1280ms (16ms if DTDIV = 1)
ISL9216, ISL9217


Similar Part No. - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL9216IRZ RENESAS-ISL9216IRZ Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
More results

Similar Description - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com