Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9216 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9216
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9216 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9216 Datasheet HTML 4Page - Intersil Corporation ISL9216 Datasheet HTML 5Page - Intersil Corporation ISL9216 Datasheet HTML 6Page - Intersil Corporation ISL9216 Datasheet HTML 7Page - Intersil Corporation ISL9216 Datasheet HTML 8Page - Intersil Corporation ISL9216 Datasheet HTML 9Page - Intersil Corporation ISL9216 Datasheet HTML 10Page - Intersil Corporation ISL9216 Datasheet HTML 11Page - Intersil Corporation ISL9216 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
FN6488.1
November 2, 2007
OVER-TEMPERATURE PROTECTION SPECIFICATIONS
Internal Temperature Shutdown
Threshold
TINTSD
115
°C
Internal Temperature Hysteresis
THYS
Temperature drop needed to restore
operation after an over-temperature
shutdown.
105
°C
Internal Over-Temperature Turn-on Delay
Time
TITD
128
ms
External Temperature Output Current
IXT
Current output capability at TEMP3V pin
(ISL9216 only)
1.2
mA
External Temperature Limit Threshold
TXTF
Voltage at VTEMPI (ISL9216 only);
Relative to:
. (Falling edge)
-20
0
+20
mV
External Temperature Limit Hysteresis
TXTH
Voltage at VTEMPI (ISL9216 only).
60
110
160
mV
External Temperature Monitor Delay
tXTD
Delay between activating the external
sensor and the internal over-temp
detection. (ISL9216 only)
1ms
External Temperature Autoscan On Time
tXTAON TEMP3V is ON (3.3V) (ISL9216 only)
5
ms
External Temperature Autoscan Off Time
tXTAOFF TEMP3V output is off. (ISL9216 only)
635
ms
ANALOG OUTPUT SPECIFICATIONS
Cell Monitor Analog Output Voltage
Accuracy
VAO6A
[VCELL1 - (VSS)]/2 - AO
[VCELLN - (VCELLN-1)]/2 - AO for N = 1 to 5.
(ISL9216 only)
-25
30
mV
VAO6B
VCELL6 - AO.
(ISL9216 only)
-42
58
mV
VAO7A
[VCELL1 - (VSS)]/2 - AO
[VCELLN - (VCELLN-1)]/2 - AO for N = 1 to 5.
(ISL9217 only)
-20
25
mV
VAO7B
[VCELLN - (VCELLN-1)]/2 - AO for N = 6 to 7.
(ISL9217 only)
-32
43
mV
Cell Monitor Analog Output External
Temperature Accuracy
VAOXT
External temperature monitoring accuracy.
Voltage error at AO when monitoring TEMPI
voltage (measured with TEMPI = 1V)
-10
10
mV
Internal Temperature Monitor Output
Voltage Slope
VINTMON Internal temperature monitor voltage
change
-3.5
mV/°C
Internal Temperature Monitor Output
TINT25
Output at +25°C
1.31
V
AO Output Stabilization Time
tVSC
From SCL falling edge at data bit 0 of
command to AO output stable within 0.5%
of final value. AO voltage steps from 0V to
2V. (Note 6)
0.1
ms
CELL BALANCE SPECIFICATIONS
Cell Balance Transistor rDS(ON)
RCB
(Note 5)
5
Ω
Cell Balance Transistor Current
ICB
200
mA
Operating Specifications All Specifications Apply to Both the ISL9216 and ISL9217 Separately Over the Recommended Operating
Conditions, Unless Otherwise Specified. (Continued)
DESCRIPTION
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
TEMP3V
13
------------------------------
ISL9216, ISL9217


Similar Part No. - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL9216IRZ RENESAS-ISL9216IRZ Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
More results

Similar Description - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com