Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9216 Datasheet(PDF) 32 Page - Intersil Corporation

Part # ISL9216
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9216 Datasheet(HTML) 32 Page - Intersil Corporation

Back Button ISL9216 Datasheet HTML 25Page - Intersil Corporation ISL9216 Datasheet HTML 26Page - Intersil Corporation ISL9216 Datasheet HTML 27Page - Intersil Corporation ISL9216 Datasheet HTML 28Page - Intersil Corporation ISL9216 Datasheet HTML 29Page - Intersil Corporation ISL9216 Datasheet HTML 30Page - Intersil Corporation ISL9216 Datasheet HTML 31Page - Intersil Corporation ISL9216 Datasheet HTML 32Page - Intersil Corporation ISL9216 Datasheet HTML 33Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
32
FN6488.1
November 2, 2007
ISL9216, ISL9217
Package Outline Drawing
L24.4x4D
24 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 10/06
0 . 90 ± 0 . 1
5
C
0 . 2 REF
TYPICAL RECOMMENDED LAND PATTERN
0 . 05 MAX.
( 24X 0 . 6 )
DETAIL "X"
( 24X 0 . 25 )
0 . 00 MIN.
( 20X 0 . 5 )
(
2 . 50 )
SIDE VIEW
( 3 . 8 TYP )
BASE PLANE
4
TOP VIEW
BOTTOM VIEW
7
12
24X 0 . 4 ± 0 . 1
13
PIN 1
18
INDEX AREA
24
19
4.00
2.5
0.50
20X
4X
SEE DETAIL "X"
- 0 . 05
+ 0 . 07
24X 0 . 23
2 . 50 ± 0 . 15
PIN #1 CORNER
(C 0 . 25)
1
SEATING PLANE
0.08 C
0.10 C
C
0.10 M C A B
A
B
(4X)
0.15
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:


Similar Part No. - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL9216IRZ RENESAS-ISL9216IRZ Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
More results

Similar Description - ISL9216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9216 RENESAS-ISL9216 Datasheet
1Mb / 34P
   8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com