Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC174ADW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC174ADW
Description  QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC174ADW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC174ADW Datasheet HTML 7Page - Texas Instruments SN75LBC174ADW Datasheet HTML 8Page - Texas Instruments SN75LBC174ADW Datasheet HTML 9Page - Texas Instruments SN75LBC174ADW Datasheet HTML 10Page - Texas Instruments SN75LBC174ADW Datasheet HTML 11Page - Texas Instruments SN75LBC174ADW Datasheet HTML 12Page - Texas Instruments SN75LBC174ADW Datasheet HTML 13Page - Texas Instruments SN75LBC174ADW Datasheet HTML 14Page - Texas Instruments SN75LBC174ADW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN65LBC174A, SN75LBC174A
QUADRUPLE RS485 DIFFERENTIAL LINE DRIVERS
SLLS446C − OCTOBER 2000 − REVISED MAY 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0
0.5
1
1.5
2
2.5
3
3.5
4
0
204060
80
100
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
Figure 10
0
0.5
1
1.5
2
2.5
−60
−40
−20
0
20
40
60
80
100
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 11
5
5.5
6
6.5
7
7.5
8
8.5
−40
−20
0
20
40
60
80
VCC = 5.25 V
VCC = 4.75 V
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 12
128
130
132
134
136
138
140
142
144
1
10
100
Signaling Rate − Mbps
SUPPLY CURRENT (FOUR CHANNELS)
vs
SIGNALING RATE
RL = 54 Ω
CL = 50 pF
(Each Channel)


Similar Part No. - SN75LBC174ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC174ADW TI-SN75LBC174ADW Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75LBC174ADWG4 TI-SN75LBC174ADWG4 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75LBC174ADWR TI-SN75LBC174ADWR Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75LBC174ADWRG4 TI-SN75LBC174ADWRG4 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LBC174ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com