Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N60 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N60
Description  7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N60 Datasheet(HTML) 2 Page - Unisonic Technologies

  8N60 Datasheet HTML 1Page - Unisonic Technologies 8N60 Datasheet HTML 2Page - Unisonic Technologies 8N60 Datasheet HTML 3Page - Unisonic Technologies 8N60 Datasheet HTML 4Page - Unisonic Technologies 8N60 Datasheet HTML 5Page - Unisonic Technologies 8N60 Datasheet HTML 6Page - Unisonic Technologies 8N60 Datasheet HTML 7Page - Unisonic Technologies 8N60 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-115,B
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
8N60-A
600
V
Drain-Source Voltage
8N60-B
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
7.5
A
TC = 25°C
7.5
A
Continuous Drain Current
TC = 100°C
ID
4.6
A
Pulsed Drain Current (Note 1)
IDM
30
A
Single Pulsed (Note 2)
EAS
230
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
14.7
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220
147
W
Power Dissipation
TO-220F
PD
48
W
Junction Temperature
TJ
+150
Operating Temperature
TOPR
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220
62.5
°C/W
Junction-to-Ambient
TO-220F
θJA
62.5
°C/W
TO-220
0.85
°C/W
Junction-to-Case
TO-220F
θJC
2.6
°C/W
ELECTRICAL CHARACTERISTICS (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
8N60-A
600
V
Drain-Source Breakdown Voltage
8N60-B
BVDSS
VGS = 0 V, ID = 250 µA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600 V, VGS = 0 V
10
µA
Forward
VGS = 30 V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID = 250 µA, Referenced to 25°C
0.7
V/℃
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 3.75 A
1.0
1.2
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
965 1255 pF
Output Capacitance
COSS
105 135
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V, f = 1MHz
12
16
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
16.5
45
ns
Turn-On Rise Time
tR
60.5 130
ns
Turn-Off Delay Time
tD(OFF)
81
170
ns
Turn-Off Fall Time
tF
VDD = 300V, ID = 7.5 A, RG = 25Ω
(Note 4, 5)
64.5 140
ns
Total Gate Charge
QG
28
36
nC
Gate-Source Charge
QGS
4.5
nC
Gate-Drain Charge
QGD
VDS= 480V,ID= 7.5A, VGS= 10 V
(Note 4, 5)
12
nC


Similar Part No. - 8N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
logo
Jiangsu Donghai Semicon...
8N60 WXDH-8N60 Datasheet
879Kb / 12P
   8A 600V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
8N60 UTC-8N60 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
8N60 VBSEMI-8N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Unisonic Technologies
8N60 UTC-8N60 Datasheet
229Kb / 8P
   8A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 8N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com